Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6615ESA Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX6615ESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6615ESA Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX6615ESA Datasheet HTML 5Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 6Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 7Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 8Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 9Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 10Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 11Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 12Page - AXElite technology co. ltd AX6615ESA Datasheet HTML 13Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.12 2019
AX6615
TYPICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
3
3.5
4
4.5
5
5.5
VCNTL VS ICNTL
VCNTL (V)
IOUT=0A
0.790
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
0.810
3
3.5
4
4.5
5
5.5
VCNTL VS VFB
VCNTL (V)
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0
0.5
1
1.5
2
2.5
3
IOUT VS VOUT
IOUT (A)
VCNTL=5V, VIN=1.5V
0
50
100
150
200
250
300
350
0
0.5
1
1.5
2
2.5
3
IOUT VS Dropout
IOUT (A)
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
-40
-25
0
25
50
75
100
125
Temperaute VS VFB
Temperature(℃)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-40
-25
0
25
50
75
100
125
Temperaute VS ICNTL
Temperature(℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com