Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6617BESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX6617BESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6617BESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX6617BESA Datasheet HTML 1Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 2Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 3Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 4Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 5Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 6Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 7Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 8Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Nov.12, 2019
AX6617
PIN ASSIGNMENT
The packages of AX6617 are SOP-8L-EP and TDFN-10L; the pin assignment is given by:
( Top View)
1
2
3
4
8
7
6
5
NC
VOUT
SOP-8L-EP
AX5913
GND
FB
EN
POK
VIN
VCNTL
GND
Name
Description
GND
GND pin
FB
Feedback pin
VOUT
Output pin
EN
Internal Pull High (AX6617B) or
Pull Low (AX6617A)
EN=high  Enable
EN=Low  Shutdown mode
POK
Power OK Output Pin
VCNTL CNTL Pin Input Voltage
VIN
Input Voltage
NC
No connect
TDFN-10L (3*3)
VOUT
VIN
1
POK
10
2
3
4
5
6
7
8
9
VOUT
VOUT
FB
EN
VIN
VIN
VCNTL
Exposed
Pad
(GND)
TOP View
ORDER/MARKING INFORMATION
Order Information
Package Type
ES: SOP-8L-EP
AX6617
XXX X
Packing
Blank: Tube
A: Taping
X
EN Function
A: EN pull low
B: EN pull high J10: TDFN-10L
Top Marking (SOP-8L-EP)
Top Marking (TDFN-10L)
Logo
Y
AX 6
Part number
ID code:internal
WW: 01~52
6 1 7
Y WW X
A: AX6617A
B: AX6617B
X
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045
6
Part number
ID code: internal
WW: 01~52
Y Y W W X
6 1 7
A: AX6617A
X
B: AX6617B
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com