Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6617BESA Datasheet(PDF) 10 Page - AXElite technology co. ltd

Part # AX6617BESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6617BESA Datasheet(HTML) 10 Page - AXElite technology co. ltd

Back Button AX6617BESA Datasheet HTML 6Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 7Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 8Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 9Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 10Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 11Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 12Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 13Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 14Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Nov.12, 2019
AX6617
TYPICAL CHARACTERISTICS
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
3
3.5
4
4.5
5
5.5
6
VCNTL (V)
Line Regulation
VIN=1.8V, VOUT=1.2V
IOUT=10mA
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
0
0.5
1
1.5
2
2.5
3
IOUT (A)
Load Regulation
VCNTL=5V, VIN=1.8V,
VOUT=1.2V
0
100
200
300
400
500
600
0
0.5
1
1.5
2
2.5
3
IOUT (A)
Dropout Voltage (VCNTL=5V)
VOUT=1.2V
VOUT=2.5V
VOUT=1.8V
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
-40℃ -20℃ 0℃
25℃ 50℃ 75℃ 100℃ 125℃
Temperature (℃)
Temperature VS VFB
VCNTL=5V, VIN=1.8V,
VOUT=1.2V, IOUT=10mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40℃ -20℃
0℃
25℃ 50℃ 75℃ 100℃ 125℃
Temperature (℃)
Temperature VS Quiescent Current
VCNTL=5V, VIN=1.8V,
VOUT=1.2V, IOUT=0A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40℃ -20℃
0℃
25℃ 50℃ 75℃ 100℃ 125℃
Temperature (℃)
Temperature VS Enable Threshold Voltage
VCNTL=5V
VENH
VENL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com