Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6617BESA Datasheet(PDF) 13 Page - AXElite technology co. ltd

Part # AX6617BESA
Description  3A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6617BESA Datasheet(HTML) 13 Page - AXElite technology co. ltd

Back Button AX6617BESA Datasheet HTML 8Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 9Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 10Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 11Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 12Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 13Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 14Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 15Page - AXElite technology co. ltd AX6617BESA Datasheet HTML 16Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Nov.12, 2019
AX6617
PACKAGE OUTLINES
(1) SOP-8L-EP
DETAIL A
L
e
D
7 (4X)
b
y
DETAIL A
X
Expose Pad
θ
Symbol
Dimensions in Millimeters
Dimensions in Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
1.75
-
-
0.069
A1
0
-
0.15
0
-
0.06
A2
1.25
-
-
0.049
-
-
C
0.1
0.2
0.25
0.0075
0.008
0.01
D
4.7
4.9
5.1
0.185
0.193
0.2
E
3.7
3.9
4.1
0.146
0.154
0.161
H
5.8
6
6.2
0.228
0.236
0.244
L
0.4
-
1.27
0.015
-
0.05
b
0.31
0.41
0.51
0.012
0.016
0.02
e
1.27 BSC
0.050 BSC
y
-
-
0.1
-
-
0.004
X
-
2.34
-
-
0.092
-
Y
-
2.34
-
-
0.092
-
θ
0O
-
8O
0O
-
8O
Mold flash shall not exceed 0.25mm per side
JEDEC outline: MS-012 BA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com