Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8051CPU Datasheet(PDF) 5 Page - Digital Core Design

Part # DP8051CPU
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051CPU Datasheet(HTML) 5 Page - Digital Core Design

  DP8051CPU Datasheet HTML 1Page - Digital Core Design DP8051CPU Datasheet HTML 2Page - Digital Core Design DP8051CPU Datasheet HTML 3Page - Digital Core Design DP8051CPU Datasheet HTML 4Page - Digital Core Design DP8051CPU Datasheet HTML 5Page - Digital Core Design DP8051CPU Datasheet HTML 6Page - Digital Core Design DP8051CPU Datasheet HTML 7Page - Digital Core Design DP8051CPU Datasheet HTML 8Page - Digital Core Design DP8051CPU Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
PIN
TYPE
DESCRIPTION
tms
input
DoCD™ TAP mode select input
rsto
output Reset output
port0o[7:0]
output Port 0 output
port1o[7:0]
output Port 1 output
port2o[7:0]
output Port 2 output
port3o[7:0]
output Port 3 output
prgaddr[15:0]
output Internal program memory address bus
prgdatao[7:0]
output Data bus for internal program memory
prgramwr
output Internal program memory write
sxdmaddr[15:0]
output Sync XDATA memory address bus
(SXDM)
sxdmdatao[7:0]
output Data bus for Sync XDATA memory
(SXDM)
sxdmoe
output Sync XDATA memory read (SXDM)
sxdmwe
output Sync XDATA memory write (SXDM)
xaddr[23:0]
output Address bus for external memories
xdatao[7:0]
output Data bus for external memories
xdataz
output Turn xdata bus into ‘Z’ state
xprgrd
output External program memory read
xprgwr
output External program memory write
xdatard
output External data memory read
xdatawr
output External data memory write
ramaddr[7:0]
output Internal Data Memory address bus
ramdatao[7:0]
output Data bus for internal data memory
ramoe
output Internal data memory output enable
ramwe
output Internal data memory write enable
sfraddr[6:0]
output Address bus for user SFR’s
sfrdatao[7:0]
output Data bus for user SFR’s
sfroe
output User SFR’s read enable
sfrwe
output User SFR’s write enable
tdo
output DoCD™ TAP data output
rtck
output DoCD™ return clock line
debugacs
output DoCD™ accessing data
coderun
output CPU is executing an instruction
pmm
output Power management mode indicator
stop
output Stop mode indicator
UNITS SUMMARY
ALU
– Arithmetic Logic Unit performs the
arithmetic and logic operations during execu-
tion of an instruction. It contains accumulator
(ACC), Program Status Word (PSW), (B) regis-
ters and related logic such as arithmetic unit,
logic unit, multiplier and divider.
Opcode Decoder
– Performs an instruction
opcode decoding and the control functions for
all other blocks.
Control Unit
– Performs the core synchroniza-
tion and data flow control. This module is di-
rectly connected to Opcode Decoder and
manages execution of all microcontroller tasks.
Program Memory Interface
– Contains Pro-
gram Counter (PC) and related logic. It per-
forms the instructions code fetching. Program
Memory can be also written. This feature al-
lows usage of a small boot loader loading new
program into RAM, EPROM or FLASH
EEPROM storage via UART, SPI, I2C or
DoCD™ module.
External Memory Interface
- Contains mem-
ory access related registers such as Data
Page High (DPH), Data Page Low (DPL) and
Data Pointer eXtended (DPX) registers. It per-
forms the external Program and Data Memory
addressing and data transfers. Program fetch
cycle length can be programmed by user. This
feature is called Program Memory Wait States,
and allows core to work with different speed
program memories.
Synchronous
eXternal
Data
Memory
(SXDM) Interface
– contains XDATA memory
access related logic allowing fast access to
synchronous memory devices. It performs the
external Data Memory addressing and data
transfers. This memory can be used to store
large variables frequently accessed by CPU,
improving overall performance of application.
Internal Data Memory Interface
– Internal
Data Memory interface controls access into the
internal 256 bytes memory. It contains 8-bit
Stack Pointer (SP) register and related logic.
User SFRs Interface
– Special Function Reg-
isters interface controls access to the special
registers. It contains standard and used de-
fined registers and related logic. User defined
external devices can be quickly accessed
(read, written, modified) using all direct ad-
dressing mode instructions.
Interrupt Controller
– Interrupt control module
is responsible for the interrupt manage system
for the external and internal interrupt sources.
It contains interrupt related registers such as
Interrupt Enable (IE), Interrupt Priority (IP) and
(TCON) registers.
Power Management Unit
– Block contains
advanced power saving mechanisms with
switchback feature, allowing external clock
control logic to stop clocking (Stop mode) or
run core in lower clock frequency (Power Man-
agement Mode) to significantly reduce power
consumption.
Switchback
feature
allows



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com