Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8051CPU Datasheet(PDF) 6 Page - Digital Core Design

Part # DP8051CPU
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051CPU Datasheet(HTML) 6 Page - Digital Core Design

Back Button DP8051CPU Datasheet HTML 2Page - Digital Core Design DP8051CPU Datasheet HTML 3Page - Digital Core Design DP8051CPU Datasheet HTML 4Page - Digital Core Design DP8051CPU Datasheet HTML 5Page - Digital Core Design DP8051CPU Datasheet HTML 6Page - Digital Core Design DP8051CPU Datasheet HTML 7Page - Digital Core Design DP8051CPU Datasheet HTML 8Page - Digital Core Design DP8051CPU Datasheet HTML 9Page - Digital Core Design DP8051CPU Datasheet HTML 10Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
UARTs, and interrupts to be processed in full
speed mode if enabled. It is very desired when
microcontroller is planned to use in portable
and power critical applications.
DoCD™ Debug Unit
– it’s a real-time hard-
ware debugger provides debugging capability
of a whole SoC system. In contrast to other on-
chip debuggers DoCD™ provides non-intrusive
debugging of running application. It can halt,
run, step into or skip an instruction, read/write
any contents of microcontroller including all
registers, internal, external, program memo-
ries, all SFRs including user defined peripher-
als. Hardware breakpoints can be set and con-
trolled on program memory, internal and exter-
nal data memories, as well as on SFRs. Hard-
ware breakpoint is executed if any write/read
occurred at particular address with certain data
pattern or without pattern. Two additional pins
CODERUN, DEBUGACS indicate the sate of
the debugger and CPU. CODERUN is active
when CPU is executing an instruction. DE-
BUGACS pin is active when any access is per-
formed by DoCD™ debugger. The DoCD™
system includes JTAG interface and complete
set of tools to communicate and work with core
in real time debugging. It is built as scalable
unit and some features can be turned off to
save silicon and reduce power consumption. A
special care on power consumption has been
taken, and when debugger is not used it is
automatically switched in power save mode.
Finally whole debugger is turned off when de-
bug option is no longer used.
PROGRAM CODE SPACE
IMPLEMENTATIO N
The figure below shows an example Pro-
gram Memory space implementation in sys-
tems with DP8051CPU Microcontroller core.
The On-chip Program Memory located in ad-
dress space between 0kB and 1kB is typically
used for BOOT code with system initialization
functions. This part of the code is typically im-
plemented as ROM. The On-chip Program
Memory located in address space between
60kB and 64kB is typically used for timing criti-
cal part of the code e.g. interrupt subroutines,
arithmetic functions etc. This part of the code is
typically implemented as RAM and can be
loaded by the BOOT code during initialization
phase from Off-chip memory or through RS232
interface from external device. From the two
mentioned above spaces program code is
executed without wait-states and can achieve
a top performance up to 200 million instruc-
tions per second (many instructions executed
in one clock cycle). The Off-chip Program
Memory located in address space between
1kB and 60kB is typically used for main code
and constants. This part of the code is usually
implemented as ROM, SRAM or FLASH de-
vice. Because of relatively long access time
the program code executed from mentioned
above devices must be fetched with additional
Wait-States. Number of required Wait-States
depends
on
memory
access
time
and
DP8051CPU clock frequency. In most cases
the proper number of Wait-States cycles is
between 2-5. The READY pin can be also dy-
namically modulated e.g. by SDRAM control-
ler.
0x0400
0xF000
On-chip Memory
(implemented as ROM)
On chip Memory
(implemented as RAM)
Off chip Memory
(implemented as ROM,
SRAM or FLASH)
0x0000
0xFFFF
The figure below shows a typical Program
Memories
connections
in
system
with
DP8051CPU Microcontroller core.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com