Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8051CPU Datasheet(PDF) 1 Page - Digital Core Design

Part # DP8051CPU
Description  Pipelined High Performance 8-bit Microcontroller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051CPU Datasheet(HTML) 1 Page - Digital Core Design

  DP8051CPU Datasheet HTML 1Page - Digital Core Design DP8051CPU Datasheet HTML 2Page - Digital Core Design DP8051CPU Datasheet HTML 3Page - Digital Core Design DP8051CPU Datasheet HTML 4Page - Digital Core Design DP8051CPU Datasheet HTML 5Page - Digital Core Design DP8051CPU Datasheet HTML 6Page - Digital Core Design DP8051CPU Datasheet HTML 7Page - Digital Core Design DP8051CPU Datasheet HTML 8Page - Digital Core Design DP8051CPU Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
D
DP
P8
80
05
51
1C
CP
PU
U
●
●
●
●
●
●
●
●
●
●
●
●
Pipelined High Performance
8-bit Microcontroller
ver 4.02
OVERVIEW
DP8051CPU is an ultra high perform-
ance, speed optimized
soft core of a single-
chip 8-bit embedded controller dedicated for
operation with fast (typically on-chip) and slow
(off-chip) memories. The core has been de-
signed with a special concern about perform-
ance to power consumption
ratio. This ratio
is extended by an advanced power manage-
ment unit PMU.
DP8051CPU soft core is 100% binary-
compatible with the industry standard 8051 8-
bit microcontroller. There are two configura-
tions of DP8051CPU: Harward where internal
data and program buses are separated, and
von Neumann
with common program and ex-
ternal data bus. DP8051CPU has Pipelined
RISC architecture 10 times faster compared
to standard architecture and executes 85-200
million instructions
per second. This per-
formance can also be exploited to great advan-
tage in low power applications where the core
can be clocked over ten times more slowly
than the original implementation for no per-
formance penalty.
DP8051CPU is delivered with fully auto-
mated testbench
and complete set of tests
allowing easy package validation at each stage
of SoC design flow.
CPU FEATURES
100% software compatible with industry
standard 8051
Pipelined RISC architecture enables to
execute instructions 10 times faster com-
pared to standard 8051
24 times faster multiplication
12 times faster addition
Up to 256 bytes of internal (on-chip) Data
Memory
Up to 64K bytes of internal (on-chip) or
external (off-chip) Program Memory
Up to 16M bytes of external (off-chip) Data
Memory
User programmable Program Memory Wait
States solution for wide range of memories
speed
User programmable External Data Memory
Wait States solution for wide range of
memories speed
De-multiplexed Address/Data bus to allow
easy connection to memory
Dedicated signal for Program Memory
writes.
Interface for additional Special Function
Registers


Similar Part No. - DP8051CPU

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP8051CPU DCD-DP8051CPU Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
More results

Similar Description - DP8051CPU

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP80C51 DCD-DP80C51 Datasheet
243Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP8051XP DCD-DP8051XP Datasheet
295Kb / 12P
Pipelined High Performance 8-bit Microcontroller
DP80390 DCD-DP80390 Datasheet
253Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU Datasheet
242Kb / 10P
Pipelined High Performance 8-bit Microcontroller
DP80390XP DCD-DP80390XP Datasheet
297Kb / 13P
Pipelined High Performance 8-bit Microcontroller
DP80390CPU DCD-DP80390CPU_03 Datasheet
130Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051 DCD-DP8051_03 Datasheet
132Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051XP DCD-DP8051XP_03 Datasheet
150Kb / 12P
Pipelined High Performance 8-bit Microcontroller ver 3.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com