Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2003 Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX2003
Description  3A, 0.25V Feedback Voltage Step Down Switching Regulators for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2003 Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX2003 Datasheet HTML 1Page - AXElite technology co. ltd AX2003 Datasheet HTML 2Page - AXElite technology co. ltd AX2003 Datasheet HTML 3Page - AXElite technology co. ltd AX2003 Datasheet HTML 4Page - AXElite technology co. ltd AX2003 Datasheet HTML 5Page - AXElite technology co. ltd AX2003 Datasheet HTML 6Page - AXElite technology co. ltd AX2003 Datasheet HTML 7Page - AXElite technology co. ltd AX2003 Datasheet HTML 8Page - AXElite technology co. ltd AX2003 Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Jul.20, 2020
AX2003
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
VSS - 0.3 to VSS + 25
V
Feedback Pin Voltage
VFB
VSS - 0.3 to VCC
V
ON/OFF Pin Voltage
VEN
VSS - 0.3 to VCC + 0.3
V
Switch Pin Voltage
VSW
VSS - 0.3 to VCC + 0.3
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TST
-65 to +150
°C
Operating Junction Temperature Range
TOP
-40 to +125
°C
Operating Supply Voltage
VOP
+3.6 to +23
V
Thermal Resistance from Junction to case
θJC
60
°C/W
Thermal Resistance from Junction to ambient
θJA
120
°C/W
Note : θJA is measured with the PCB copper area(need connect to SW pins) of approximately 1 in2(Multi-layer).
ELECTRICAL CHARACTERISTICS
(VIN=12V, TA=25°C, unless otherwise specified)
Characteristics
Symbol
Conditions
Min Typ Max Units
Feedback Voltage
VFB
IOUT=0.2A
0.24 0.25 0.26 V
Quiescent Current
ICCQ
VFB=1.2V force driver
off
-
3
5
mA
Feedback Bias Current
IFB
IOUT=0.1A
- 0.1 0.5 uA
Shutdown Supply Current
ISD
VEN =0V
-
2
10 uA
Switch Current
ISW
4.0 -
-
A
Line Regulation
△ VOUT/VOUT VCC=5V~23V,
IOUT=0.2A
-
1
2
%
Load Regulation
△ VOUT/VOUT IOUT = 0.1 to 3A
- 0.2 0.5 %
Oscillation Frequency
FOSC
260 330 400 KHz
EN Pin Logic input threshold
voltage
VSH
High (regulator ON)
2.0 -
-
V
VSL
Low (regulator OFF)
-
- 0.8
EN Pin Input Current
ISH
VEN=2.5V (ON)
-
20
-
uA
ISL
VEN=0.3V (OFF)
- -10 -
uA
Internal MOSFET RDSON
RDSON
VCC=5V, VFB=0V
-
90 140
mΩ
VCC=12V, VFB=0V
-
70 90
Efficiency
EFFI
VOUT = 5V
IOUT = 2A -
92
-
%
IOUT = 3A -
91
-
Thermal shutdown Temp
TSD
- 150 -
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com