Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2003 Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX2003
Description  3A, 0.25V Feedback Voltage Step Down Switching Regulators for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2003 Datasheet(HTML) 6 Page - AXElite technology co. ltd

  AX2003 Datasheet HTML 1Page - AXElite technology co. ltd AX2003 Datasheet HTML 2Page - AXElite technology co. ltd AX2003 Datasheet HTML 3Page - AXElite technology co. ltd AX2003 Datasheet HTML 4Page - AXElite technology co. ltd AX2003 Datasheet HTML 5Page - AXElite technology co. ltd AX2003 Datasheet HTML 6Page - AXElite technology co. ltd AX2003 Datasheet HTML 7Page - AXElite technology co. ltd AX2003 Datasheet HTML 8Page - AXElite technology co. ltd AX2003 Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Jul.20, 2020
AX2003
Table 1 Resistor select for LED output current setting
ILED
R2
350mA
0.715Ω
87.5mW
750mA
0.333Ω
189mW
1000mA
0.250Ω
250mW
RDS (ON) Current Limiting
The current limit threshold is setting by the internal circuit.
Compensation
Please refer the table of application circuit. For DC input, the option circuit for
compensation is connecting R4 and a 4148 diode to VOUT. In order to protect short circuit
and thermal shutdown release for LED.
PCB layout guide
If you need low Tc and Tj or large PD (Power Dissipation), the dual SW pins (5&6) on
the SOP-8L package are internally connected to die pad, The PCB layout should allow for
maximum possible copper area at the SW pins of the AX2003.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com