Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2003 Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX2003
Description  3A, 0.25V Feedback Voltage Step Down Switching Regulators for LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2003 Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX2003 Datasheet HTML 1Page - AXElite technology co. ltd AX2003 Datasheet HTML 2Page - AXElite technology co. ltd AX2003 Datasheet HTML 3Page - AXElite technology co. ltd AX2003 Datasheet HTML 4Page - AXElite technology co. ltd AX2003 Datasheet HTML 5Page - AXElite technology co. ltd AX2003 Datasheet HTML 6Page - AXElite technology co. ltd AX2003 Datasheet HTML 7Page - AXElite technology co. ltd AX2003 Datasheet HTML 8Page - AXElite technology co. ltd AX2003 Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.9 Jul.20, 2020
AX2003
BLOCK DIAGRAM
Vcc
Oscillator
Circuit
Reference Voltage
PWM Switched
Control Circuit
+
-
Vss
VEN
EN
Comp
FB
Thermal
Shutdown
SW
Current
Limit
PIN ASSIGNMET
The package of AX2003 is SOP-8L; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
FB
SW
Comp
SOP-8L
SW
EN
Vss
Vss
Vcc
Name
Description
FB
Feedback pin
EN
Power-off pin
H:normal
operation(Step-down)
L:Step-down operation
stopped
(All circuits deactivated)
Comp Compensation pin
VCC
IC power supply pin
SW
Switch pin. Connect external
inductor/diode here.
VSS
GND pin
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
S: SOP-8L
AX2003 X X
Packing
A : Taping
Blank : Tube
AX 2
Logo
Part number
ID code: internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
Y Y W W X
0 0 3
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com