Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2012 Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX2012
Description  1.9A Fixed Frequency White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2012 Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX2012 Datasheet HTML 1Page - AXElite technology co. ltd AX2012 Datasheet HTML 2Page - AXElite technology co. ltd AX2012 Datasheet HTML 3Page - AXElite technology co. ltd AX2012 Datasheet HTML 4Page - AXElite technology co. ltd AX2012 Datasheet HTML 5Page - AXElite technology co. ltd AX2012 Datasheet HTML 6Page - AXElite technology co. ltd AX2012 Datasheet HTML 7Page - AXElite technology co. ltd AX2012 Datasheet HTML 8Page - AXElite technology co. ltd AX2012 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.27, 2019
AX2012
APPLICATION CIRCUIT
(1) 8 series LED application
VIN=5V
C1
4.7uF
L1
4.7uH
U1
AX2012
4
6
5
1
VCC
EN
OV
GND
SW
C2
1uF
D1
B240A
ILED= VFB/R3, VFB=300mV
ON
OFF
2
FB
R3
3
8-WLEDs
C3
R4
R5
When L1 inductance is greater than 4.7uH please increase C3, R4 and R5 fine-tune output
stability.
(2) LED Dimming application
VIN=5V
C1
4.7uF
L1
4.7uH
U1
AX2012
4
6
5
1
VCC
EN
OV
GND
SW
C2
1uF
D1
B240A
ILED= VFB/R3, VFB=300mV
200~200KHz
2
FB
R3
3
8-WLEDs
Dimming
C3
R4
R5
When L1 inductance is greater than 4.7uH please increase C3, R4 and R5 fine-tune output
stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com