Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2012 Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX2012
Description  1.9A Fixed Frequency White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2012 Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX2012 Datasheet HTML 5Page - AXElite technology co. ltd AX2012 Datasheet HTML 6Page - AXElite technology co. ltd AX2012 Datasheet HTML 7Page - AXElite technology co. ltd AX2012 Datasheet HTML 8Page - AXElite technology co. ltd AX2012 Datasheet HTML 9Page - AXElite technology co. ltd AX2012 Datasheet HTML 10Page - AXElite technology co. ltd AX2012 Datasheet HTML 11Page - AXElite technology co. ltd AX2012 Datasheet HTML 12Page - AXElite technology co. ltd AX2012 Datasheet HTML 13Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.27, 2019
AX2012
TYPICAL CHARACTERISTICS (CONTINUOUS)
Power ON from VIN
Power ON from EN
Steady State Operation
Normal Operation into OVP
PWM Dimming from EN (200Hz)
PWM Dimming from EN (20KHz)
VIN
VSW
VOUT
IOUT
EN
VSW
VOUT
IOUT
VIN=5V
4WLEDs
IOUT=150mA
VIN=5V, 4WLEDs, IOUT=150mA
VSW
VFB
VOUT
IOUT
VIN
VSW
VOUT
IOUT
( VOUT, IOUT: measured by AC coupled mode )
VIN=5V, 3WLEDs, IOUT=150mA
VEN
VSW
VOUT
IOUT
VEN
VSW
VOUT
IOUT
VIN=5V, 4WLEDs, IOUT=150mA
VIN=5V, 4WLEDs, IOUT=150mA
VIN=5V
4WLEDs
IOUT=150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com