Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2012 Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX2012
Description  1.9A Fixed Frequency White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX2012 Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX2012 Datasheet HTML 2Page - AXElite technology co. ltd AX2012 Datasheet HTML 3Page - AXElite technology co. ltd AX2012 Datasheet HTML 4Page - AXElite technology co. ltd AX2012 Datasheet HTML 5Page - AXElite technology co. ltd AX2012 Datasheet HTML 6Page - AXElite technology co. ltd AX2012 Datasheet HTML 7Page - AXElite technology co. ltd AX2012 Datasheet HTML 8Page - AXElite technology co. ltd AX2012 Datasheet HTML 9Page - AXElite technology co. ltd AX2012 Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Sep.27, 2019
AX2012
APPLICATION INFORMATION
Setting the ILED Current
Application circuit item shows the basic application circuit with AX2012 adjustable
output version. The external resistor sets the LED output current according to the following
equation:
)
R3
300mV
(
=
I
LED
ILED
R3
20mA
15
Ω
6mW
350mA
0.857Ω
105mW
Over Voltage Protection
OV measure the output voltage for open circuit protection. Connect OV pin to the
output at the top of the LED string. If VOUT above 29V, the OVP protection is happened that
stops the internal driver until VOUT below 29V.
Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an under voltage lockout is
included that disables the device, if the input voltage falls below (2.25V-100mV).
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching
noise from the device. The input capacitor impedance at the switching frequency shall be
less than input source impedance to prevent high frequency switching current passing to the
input. A low ESR input capacitor sized for maximum RMS current must be used. Ceramic
capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR
and small temperature coefficients. A 4.7µF ceramic capacitor for most applications is
sufficient. For a lower output power requirement application, this value can be decreased.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure
regulation loop stability. The output capacitor must have low impedance at the switching
frequency. Ceramic capacitors with X5R or X7R dielectrics are recommended due to their
low ESR and high ripple current. A 1uF ceramic capacitors works for most of the
applications. Higher capacitor values can be used to improve the load transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com