Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX305H-40G-RCCGF05013P Datasheet(PDF) 3 Page - Kontron

Part # VX305H-40G-RCCGF05013P
Description  High-performance Xeon® Processor VPX SBC featuring 40 Gigabit Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

VX305H-40G-RCCGF05013P Datasheet(HTML) 3 Page - Kontron

  VX305H-40G-RCCGF05013P Datasheet HTML 1Page - Kontron VX305H-40G-RCCGF05013P Datasheet HTML 2Page - Kontron VX305H-40G-RCCGF05013P Datasheet HTML 3Page - Kontron VX305H-40G-RCCGF05013P Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
/ / 3
www.kontron.com
BLOCK DIAGRAM
TECHNICAL INFORMATION
INTEROPERABILITY
OPEN VPX SLOT PROFILE
BOARD MANAGEMENT
VITA 65 (OpenVPX) profiles: SLT3-PAY-1F1U1S1S1U1U2F1H-14.6.11-n
VITA46.11 IPMC on board controller
PROCESSOR
CPU, CONNECTIVITY
SYSTEM MEMORY
Intel® Xeon® D-1559 Twelve Core, TDP 45 W, 1.5 GHz/2.1 GHz Turbo
(12 execution cores, 24 threads, 18 MByte Cache)
PCIe gen3 ports to VPX Expansion Port and XMC
2x 10GETH links , Integrated Serial ATA host controller
xHCI USB support (can be configured as SuperSpeed USB 3.0 ports)
UART
DDR4 dual channel memory with ECC, 2133 Mbits/s over 144 bits,
up to 64 Gbytes, soldered
BACKPLANE
P0 CONNECTOR
(POWER, UTILITY)
P1 CONNECTOR
(DATA , EXPANSION, CONTROL,
I/O, UTILITY)
Power Plane: VS1=12V and 3.3V_AUX; (VS2 not used; VS3=5V not used;
-12V_AUX only for XMC slot)
Utility Plane: Dual Maintenance Ports, SMB
Data Plane 1; 40GBASE-KR4
Data Plane 2: 10GBASE-KR
Expansion Plane: x8 PCIe 3.0
Control Plane: 10GBASE-KR (or 1000BASE-KX)
Utility Plane: GPIO1, Maskable reset, GDISCRETE1, VBAT, SYSCON
I/O ENGINE
DATA PLANE ENGINE
XL710-BM 40GETH Controller (to BP P1)
STORAGE
FLASH (UEFI BIOS) EEPROM
USER FRAM* (1 MByte)
2x 16 MByte FLASH, (BIOS + Rescue)
1 256 Kbit sEEPROM dedicated to system data
1 256 Kbit sEEPROM dedicated to application data
Data persistence across power cycles for
Application fast changing state data (unlimited write cycles)
MEZZANINES
XMC SLOT
M.2 SOCKETS
1x x8 PCIe gen 3
VITA 61-2011: Support of XMC Card stacking height of 12mm as per
Bottom socket: for storage modules Type M, 22 mm x 42 mm.
(Top socket populated with graphics unit)
BOARD UTILITIES
WATCHDOGS,
POWER MANAGEMENT
LEDs RESET
RTC
WD: PLD-based, timeout ranging from 2 μs to 510s, IRQ, Reset, dual-stage
Board Controller: power sequencing, reset handling, monitoring,
failure detection
5 LEDs reporting the board CPU health status and activity
Reset (push button)
Independant low power RTC with optional onboard battery
SOFTWARE
BIOS
BSP
PBIT
OPTIONAL: CBIT
UEFI BIOS (Secure Boot, Measured features)
Portable Linux BSP, tested with Fedora. Windows, VxWorks on demand.
CMON PBIT EXPERT: BIOS Health PBIT, with system change detection
(learn and compare method, no programming)
CMON MONITORING: Linux health Monitoring engine.
Creates Continuous flow of health data from customizable test points
for remote or local use
CHAN A
DDR4-
2133
CHAN B
DDR4-
2133
INTEL
FORTVILLE
X710
M.2
22mm x
42mm
M Type
Slot
CPLD
VITA 46.11
IPMC
OS
EEPROM
FRAM
Therm
Sensor
Boot
Flash
P0
12V, I2C,
GPIOs
P1
40 GETH
PCIe Gen 3
2x 10 GETH
2x Maint.
Ports
x8
x4
SATA
72
72
I2C
Intel®
XEON-D
Up to
16 Cores
x8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com