Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX305H-40G-RCCGF05013P Datasheet(PDF) 1 Page - Kontron

Part # VX305H-40G-RCCGF05013P
Description  High-performance Xeon® Processor VPX SBC featuring 40 Gigabit Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

VX305H-40G-RCCGF05013P Datasheet(HTML) 1 Page - Kontron

  VX305H-40G-RCCGF05013P Datasheet HTML 1Page - Kontron VX305H-40G-RCCGF05013P Datasheet HTML 2Page - Kontron VX305H-40G-RCCGF05013P Datasheet HTML 3Page - Kontron VX305H-40G-RCCGF05013P Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VX305H-40G
High-performance Xeon® Processor VPX SBC featuring
40 Gigabit Ethernet
 Designed to the Compute Intensive SBC OpenVPX profile
 12 Core Xeon® Processor D, up to 64 GByte DDR4 with ECC
 Dual Data Planes (40 and 10 Gigabit Ethernet)
 10 Gigabit Ethernet Control Plane
 x8 PCI Express® Gen3 XMC slot, x8 PCI Express® Gen3 Expansion Plane


Similar Part No. - VX305H-40G-RCCGF05013P

ManufacturerPart #DatasheetDescription
logo
Kontron
VX3052 KONTRON-VX3052 Datasheet
1Mb / 4P
3U VPX Dual Core Intel D-1508 2.2 GHz Board Computer
VX3052SA280150000 KONTRON-VX3052SA280150000 Datasheet
1Mb / 4P
3U VPX Dual Core Intel D-1508 2.2 GHz Board Computer
VX3052SA280151000 KONTRON-VX3052SA280151000 Datasheet
1Mb / 4P
3U VPX Dual Core Intel D-1508 2.2 GHz Board Computer
VX3058 KONTRON-VX3058 Datasheet
2Mb / 4P
OCTA Core Intel® Xeon® processor VPX server blade
VX3058RC8F0150000 KONTRON-VX3058RC8F0150000 Datasheet
2Mb / 4P
OCTA Core Intel® Xeon® processor VPX server blade
More results

Similar Description - VX305H-40G-RCCGF05013P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
40 Gigabit Ethernet AdvancedTCA Processor Blade
VPX3010 ADLINK-VPX3010 Datasheet
886Kb / 4P
Rugged 3U VPX Intel Xeon Processor D-1500 Processor Blade
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
SKY-8101 ADVANTECH-SKY-8101 Datasheet
674Kb / 2P
Compact 1U High Performance Server based on Intel® Xeon® Processor Scalable Family
4-Aug-2020
SKY-8101D ADVANTECH-SKY-8101D Datasheet
828Kb / 2P
Compact 1U High Performance Server based on 2nd Gen Intel® Xeon® Scalable Processor Family
11-Aug-2021
SKY-8134DU ADVANTECH-SKY-8134DU Datasheet
546Kb / 2P
1U High Performance Server based on 4th Gen Intel® Xeon® Processor Scalable Family
16-Jan-2023
SKY-8201 ADVANTECH-SKY-8201 Datasheet
1Mb / 2P
Compact 2U Carrier Grade, High Performance Server based on Intel® Xeon® Processor Scalable Family
7-Jan-2021
SKY-8211 ADVANTECH-SKY-8211 Datasheet
1Mb / 2P
2U High Performance Edge Server based on Intel® Xeon® Processor Scalable Family
4-Oct-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com