Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX305H-40G-RCCGF05013P Datasheet(PDF) 4 Page - Kontron

Part # VX305H-40G-RCCGF05013P
Description  High-performance Xeon® Processor VPX SBC featuring 40 Gigabit Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

VX305H-40G-RCCGF05013P Datasheet(HTML) 4 Page - Kontron

  VX305H-40G-RCCGF05013P Datasheet HTML 1Page - Kontron VX305H-40G-RCCGF05013P Datasheet HTML 2Page - Kontron VX305H-40G-RCCGF05013P Datasheet HTML 3Page - Kontron VX305H-40G-RCCGF05013P Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
/ / 4
Kontron S&T AG
Lise-Meitner-Str. 3-5
86156 Augsburg, Germany
Tel.: + 49 821 4086 0
Fax: + 49 821 4086 111
info@kontron.com
www.kontron.com
Global Headquarters
ENVIRONMENTAL SPECIFICATION
SA - AIR COOLED VERSION
(NO FRONT I/OS)
RC - RUGGED CONDUCTION-COOLED
COMPLIANT WITH TYPE 1 PLUG-IN UNIT 2 LEVEL
MAINTENANCE AS PER VITA48.0 AND VITA48.2
STANDARDS
CONFORMAL COATING
Optional
Standard
AIRFLOW
tbd. cfm typ. for 45 W TDP
na.
COOLING METHOD
Convection
Conduction
OPERATING TEMPERATURE
20 °C to +35 °C (LAB VERSION)
-40 °C to +70 °C
STORAGE TEMPERATURE
-45 °C to +85 °C
-45 °C to +100 °C
VIBRATION SINE (OPERATING)
20-500 Hz - 2 g
20-2.000 Hz - 5 g
RANDOM
VITA 47-Class V1
VITA 47-Class V3
SHOCK (OPERATING)
20 g/11 ms Half Sine
40 g/11 ms Half Sine
ALTITUDE (OPERATING)
-1.500 to 60.000 ft
-1,500 to 60,000 ft
RELATIVE HUMIDITY
90 % without condensation
95 % without condensation
ORDERING INFORMATION
ARTICLE
PART NO.
DESCRIPTION
VX305H-40G
VX305H-40G-RCCGF05013P
Conduction Cooled VX305H-40G SBC with PBIT option
VX305H-40G
VX305H-40G-RCCGF05013Q
Conduction Cooled VX305H-40G SBC with PBIT and eval Linux on SSD
VX305H-40G
VX305H-40G-SACGC05013Q
Air Cooled VX50C-40H-40G SBC with PBIT and Eval Linux on SSD
PB-VX3-40G
PB-VX3-40G-H-601
Rear Transition module (Tooling equipment for lab use)
PB-VX3-40G-H-601 VITA 46.10 Rear Transition Module
Development on VX305H-40G boards can be started before the
final system backplane is available using a rear transition module
and development backplanes.
The PB-VX3-40G-H-601 is available for lab use and offers the
following connectivity:
 Two serial COM ports (including maintenance port)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com