Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5612CCCZ Datasheet(PDF) 48 Page - Analog Devices

Part # ADF5612CCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612CCCZ Datasheet(HTML) 48 Page - Analog Devices

Back Button ADF5612CCCZ Datasheet HTML 40Page - Analog Devices ADF5612CCCZ Datasheet HTML 41Page - Analog Devices ADF5612CCCZ Datasheet HTML 42Page - Analog Devices ADF5612CCCZ Datasheet HTML 43Page - Analog Devices ADF5612CCCZ Datasheet HTML 44Page - Analog Devices ADF5612CCCZ Datasheet HTML 45Page - Analog Devices ADF5612CCCZ Datasheet HTML 46Page - Analog Devices ADF5612CCCZ Datasheet HTML 47Page - Analog Devices ADF5612CCCZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
Data Sheet
ADF5612
OUTLINE DIMENSIONS
©2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 48 of 48
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.40 × 0.25
± 0.05
0.25 × 0.40
± 0.05
7.10
7.00 SQ
6.90
TOP VIEW
BOTTOM VIEW
SIDE VIEW
PIN 1
INDICATOR
AREA
PIN 1
INDICATOR
(C 0.30 × 0.45°)
5.50 REF
SQ
0.50
BSC
2.625 BSC
SQ
SEATING
PLANE
0.950
0.850
0.750
0.350
0.320
0.290
0.530 REF
1
12
13
24
25
36
37
48
0.75
REF
1.00
REF
0.10
REF
0.25 REF
2.425
2.375 SQ
2.325
Figure 56. 48-Terminal Land Grid Array [LGA]
(CC-48-14)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADF5612CCCZ
−40°C to +105°C
48-Terminal Land Grid Array [LGA]
Tray
CC-48-14
ADF5612CCCZ-RL7
−40°C to +105°C
48-Terminal Land Grid Array [LGA]
Reel
CC-48-14
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Table 105. Evaluation Boards
Model1
Description
EV-ADF5612SD1Z
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com