Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5612CCCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADF5612CCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612CCCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF5612CCCZ Datasheet HTML 17Page - Analog Devices ADF5612CCCZ Datasheet HTML 18Page - Analog Devices ADF5612CCCZ Datasheet HTML 19Page - Analog Devices ADF5612CCCZ Datasheet HTML 20Page - Analog Devices ADF5612CCCZ Datasheet HTML 21Page - Analog Devices ADF5612CCCZ Datasheet HTML 22Page - Analog Devices ADF5612CCCZ Datasheet HTML 23Page - Analog Devices ADF5612CCCZ Datasheet HTML 24Page - Analog Devices ADF5612CCCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Data Sheet
ADF5612
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 48
the desired PFD cycles on the LD_COUNT bits (Register 0x029,
Bits[4:0]). Five loop filter time constants can be used as an initial
approximation of the needed number of PFD cycles, as shown in
the following equation:
PFD Cycles =  52 × π × LFBW ×fPFD
where:
LFBW is the loop filter bandwidth
fPFD is the PFD frequency
Table 9. LD_COUNT Programming
LD_COUNT[4:0]
PFD Cycles
0
27
1
35
2
51
3
67
4
99
5
131
6
195
7
259
8
387
9
515
10
771
11
1027
12
1539
13
2051
14
3075
15
4099
16
6147
17
8195
18
12291
19
16387
20
24579
21
32771
Figure 47. Lock Detector Timing, Bleed Current Disabled
Table 10. Lock Detector Timing, Bleed Current Disabled
Region
Absolute Phase
Difference at PFD
Lock Detector State
1
>tLDWIN
Low
2
<tLDWIN
Low, counts PFD cycles
3
~0
Low, counts PFD cycles
Table 10. Lock Detector Timing, Bleed Current Disabled (Continued)
Region
Absolute Phase
Difference at PFD
Lock Detector State
4
~0
High, greater than or equal to the desired
PFD cycle count
5
<tLDWIN
High
6
>tLDWIN
Low (immediately)
When the charge pump bleed current is enabled, a phase offset is
applied to the PFD inputs. This phase offset, tIDEL, is proportional to
the amount of bleed current. Region 3 and Region 4 in Figure 47
and Figure 48 highlight the PFD phase difference the PLL settles
to when the charge pump bleed current is disabled or enabled,
respectively.
Figure 48. Lock Detector Timing, Bleed Current Enabled
For proper operation of the lock detector, the absolute value of tIDEL
must be less than tLDWIN. The user sets the phase difference lock
window time (tLDWIN) for a valid lock condition on the LDWIN_PW
bits (Register 0x029, Bits[7:5]). Configure the LDWIN_PW bits to
1 for integer mode and to 3 for fractional mode. All other bit field
combinations are not applicable.
Table 11. LDWIN_PW Programming
LDWIN_PW [7:5]
Mode of Operation
001
Integer mode, 100MHz maximum PFD
011
Fractional mode, 100MHz maximum PFD, RF ≥ 3.65GHz
MUXOUT
The MUXOUT bits (Register 0x02B, Bits[7:4]) provide the user
with access to various internal nodes. A common application of
the MUXOUT bits is to serve as an extra lock status output or
to debug PLL-related issues during the hardware and software
development stages of a project. The MUXOUT bits and the SDO
pin have a shared function on the SDO Pin (Pin 19). Refer to Table
12 to access the MUXOUT bits on the SDO pin. In 3-wire mode
(SDO_ACTIVE = 0), set EN_MUXOUT (Register 0x2B, Bit 3) to 1
to output the MUXOUT data. In 4-wire mode (SDO_ACTIVE = 1),
set EN_MUXOUT to 0 to allow SPI data to be read from the device
during a SPI read operation. The CMOS_OV bit (Register 0x035,
Bit 5) determines if the logic high level for the SDO or SDIO pins is
3.3V or 1.8V. See Table 12 for the different SDO pin configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com