Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF5612CCCZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADF5612CCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5612CCCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF5612CCCZ Datasheet HTML 5Page - Analog Devices ADF5612CCCZ Datasheet HTML 6Page - Analog Devices ADF5612CCCZ Datasheet HTML 7Page - Analog Devices ADF5612CCCZ Datasheet HTML 8Page - Analog Devices ADF5612CCCZ Datasheet HTML 9Page - Analog Devices ADF5612CCCZ Datasheet HTML 10Page - Analog Devices ADF5612CCCZ Datasheet HTML 11Page - Analog Devices ADF5612CCCZ Datasheet HTML 12Page - Analog Devices ADF5612CCCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Data Sheet
ADF5612
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 9 of 48
Figure 5. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 5, 7, 9, 11, 12, 14, 16, 18,
20, 22, 24 to 26, 30, 32, 36, 38,
40, 45, 47
GND
Negative Power Supply (Ground). Tie the GND pins directly to the ground pad.
2
RVDD
3.3V ± 5% Positive Power Supply for the Reference Circuitry. Short the RVDD pin to the other pins in the 3.3V power
supply group.
4
VDDLS
3.3V ± 5% Typical Power Supply for the Charge Pump Digital Section. VDDLS must be equal to VPPCP.
6
CP
Charge Pump Output. When enabled, this output provides the positive and negative output current magnitude (±ICP) to the
external loop filter. The output of the loop filter is connected to the VT pin to drive the internal VCO. Place the first pole of
the low-pass loop filter close to the CP pin if the loop filter path is electrically long.
8
VPPCP
3.3V ± 5% Typical Power Supply for Charge Pump. VPPCP must be equal to VDDLS.
10
AVDD
3.3V ± 5% Analog Supply. AVDD must be equal to DVDD.
13
CREG
Output of the On-Chip Regulator. Connect an external bypass decoupling capacitor of 220nF.
15
VCCPD
3.3V ± 5% Phase Detector Supply.
17
VCCPS
3.3V ± 5% Prescaler Supply.
19
SDO
Serial Data Output. Various other functions are available via an internal mulitplexer. In 3-wire mode (default mode), this
three-state CMOS pin remains in a high impedance state. In 4-wire readback mode, the SDO pin presents data from the
SPI during a read communication burst. When the CSB is de-asserted, SDO returns to a high impedance. Optionally,
attach a resistor of >1kΩ to prevent a floating output. See the MUXOUT section for more details.
21
VCCHF
3.3V ± 5% Power Supply for PLL RF Section. Place a decoupling capacitor as close as possible to this pin.
23
VDD1
3.3V ± 5% Bias for VCO Digital Logic.
27
NDIV_OUT
Complementary Output of Differential Frequency Divider. N = 1, 2, 4, 8, 16, 32, 64, or 128. A DC block is required, and a
broadband 100nF capacitor is recommended. Pin disabled upon power-up.
28
PDIV_OUT
Primary Output of Differential Frequency Divider. N = 1, 2, 4, 8, 16, 32, 64, or 128. A DC block is required, and a
broadband 100nF capacitor is recommended. Pin disabled upon power-up.
29
VDD3
3.3V ± 5% Differential Output Divider Supply.
31
RFOUT
RF Output (7300MHz to 8500MHz). RFOUT has an internal DC block, and an external DC block with a 100nF capacitor is
required.
33
VCOVCC
5.0V ± 5% VCO Power Supply.
34
VDD2
3.3V ± 5% VCO Calibration DAC Supply.
35
VPRST
Temperature Dependent, Calibration Preset. Decouple VPRST with a 470nF capacitor.
37
VT
VCO Tuning Port. Place the last pole of the low-pass filtered charge pump output close to the VT pin if the loop filter path
is electrically long.
39
VG
Gate Voltage Bypassing. Decouple VG to GND with a low effective series resistance (ESR), 10 µF capacitor.
41
SCK
Serial Port Clock. This CMOS input clocks the serial port input data on its rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com