Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL40502ACPZ-3.0-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPL40502ACPZ-3.0-R7
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502ACPZ-3.0-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADPL40502ACPZ-3.0-R7 Datasheet HTML 3Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 4Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 5Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 6Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 7Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
7 of 17
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. 5-Lead TSOT Pin Configuration
Figure 4. 6-Lead LFCSP Pin Configuration
Pin Descriptions
Table 5. Pin Descriptions
PIN
Mnemonic
DESCRIPTION
TSOT
LFCSP
1
6
VIN
Regulator Input Supply. Bypass VIN to GND with a 1µF or greater
capacitor.
2
3
GND
Ground.
3
4
EN
Enable Input. Drive EN high to turn on the regulator and drive EN low to
turn off the regulator. For automatic startup, connect EN to VIN.
4
2
NC
No Connect. Not connected internally.
5
1
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1µF or greater
capacitor.
Not
applicable
5
NC
No Connect. Not connected internally.
Not
applicable
EPAD
Exposed Pad. The exposed pad must be connected to ground. The
exposed pad enhances the thermal performance of the package.
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE CONNECTED TO GROUND.
3
GND
1
VOUT
2
NC
4 EN
6 VIN
5 NC
EPAD
ADPL40502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com