Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL40502ACPZ-3.0-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPL40502ACPZ-3.0-R7
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502ACPZ-3.0-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPL40502ACPZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 15Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 16Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
16 of 17
ORDERING GUIDE
Table 6. Ordering Guide
MODEL1
TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
PACKING
QUANTITY
ADPL40502ACPZ-1.2-R7 -40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
ADPL40502ACPZ-1.8-R7 -40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
ADPL40502ACPZ-2.5-R7 -40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
ADPL40502ACPZ-3.0-R7 -40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
ADPL40502ACPZ-3.3-R7 -40°C to +125°C
6-Lead LFCSP (2mm x 2mm w/ EP)
Reel, 3000
ADPL40502AUJZ-1.2-R7 -40°C to +125°C
5-Lead TSOT
Reel, 3000
ADPL40502AUJZ-1.5-R7 -40°C to +125°C
5-Lead TSOT
Reel, 3000
ADPL40502AUJZ-1.8-R7 -40°C to +125°C
5-Lead TSOT
Reel, 3000
ADPL40502AUJZ-2.5-R7 -40°C to +125°C
5-Lead TSOT
Reel, 3000
ADPL40502AUJZ-2.8-R7 -40°C to +125°C
5-Lead TSOT
Reel, 3000
ADPL40502AUJZ-3.0-R7 -40°C to +125°C
5-Lead TSOT
Reel, 3000
ADPL40502AUJZ-3.3-R7 -40°C to +125°C
5-Lead TSOT
Reel, 3000
Output Voltage Options
Table 7. Output Voltage Options
MODEL1
OUTPUT VOLTAGE (V)2
ADPL40502ACPZ-1.2-R7, ADPL40502AUJZ-1.2-R7
1.2
ADPL40502AUJZ-1.5-R7
1.5
ADPL40502ACPZ-1.8-R7, ADPL40502AUJZ-1.8-R7
1.8
ADPL40502ACPZ-2.5-R7, ADPL40502AUJZ-2.5-R7
2.5
ADPL40502AUJZ-2.8-R7
2.8
ADPL40502ACPZ-3.0-R7, ADPL40502AUJZ-3.0-R7
3.0
ADPL40502ACPZ-3.3-R7, ADPL40502AUJZ-3.3-R7
3.3
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com