Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL40502ACPZ-3.0-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADPL40502ACPZ-3.0-R7
Description  Low Noise, 200mA, CMOS Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL40502ACPZ-3.0-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPL40502ACPZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 15Page - Analog Devices ADPL40502ACPZ-3.0-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Data Sheet
ADPL40502
analog.com
Rev. 0
12 of 17
Input Bypass Capacitor
Connecting a 1µF capacitor from VIN to GND reduces the circuit sensitivity to the PCB layout, especially when long
input traces or high source impedance are encountered. If greater than 1µF of output capacitance is required, the
input capacitor must be increased to match it. Derating of ceramic capacitors with DC voltage, temperature, and AC
signal must be considered while selecting the output capacitor. Effective capacitance can be 80% lower than the
nominal capacitor value. Derating curves are available from all major ceramic capacitor vendors.
Enable Feature
The ADPL40502 uses the EN pin to enable and disable the VOUT pin under normal operating conditions. As shown in
Figure 24, when a rising voltage on EN crosses the active threshold, VOUT turns on. When a falling voltage on EN crosses
the inactive threshold, VOUT turns off.
Figure 24. ADPL40502 Typical EN Pin Operation
As shown in Figure 24, the EN pin has hysteresis built in to prevent on and off oscillations that can occur due to noise
on the EN pin as this pin passes through the threshold points.
The EN pin active and inactive thresholds are derived from the VIN voltage. Therefore, these thresholds vary with
changing input voltage. Figure 25 shows typical EN active and inactive thresholds when the input voltage varies from
2.2V to 5.5V.
Figure 25. Typical EN Pin Thresholds vs. Input Voltage
3.0
2.5
2.0
1.5
0.5
1.0
0
0
0.5
1.0
1.5
2.0
2.5
ENABLE VOLTAGE
1200
1000
800
600
200
400
0
2.0
2.5
3.0
3.5
4.5
5.0
4.0
5.5
INPUT VOLTAGE
VEN RISE
VEN FALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com