Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS77F Datasheet(PDF) 62 Page - Toshiba Semiconductor

Part # TMP88CS77F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS77F Datasheet(HTML) 62 Page - Toshiba Semiconductor

Back Button TMP88CS77F Datasheet HTML 58Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 59Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 60Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 61Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 62Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 63Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 64Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 65Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 66Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 140 page
background image
3-77-62
TMP88CP77/S77/U77
2007-10-23
2.6.2
Control
The timer / counter 1 is controlled by a timer / counter 1 control register (TC1CR) and two 16-bit timer
registers (TREG1A and TREG1B). Reset does not affect TREG1A and TREG1B.
Note 1: fc; High-frequency clock [Hz], fs; Low-frequency clock [Hz]
Note 2: Writing to the lower byte of the timer registers (TREG1AL, TREG1BL), the comparison is inhibited until the
upper byte(TREG1AH, TREG1BH) is written. Only the lower byte of the timer registers can not be changed.
After writing to the upper byte, any match during 1 machine cycle (instruction execution cycle) is ignored.
Note 3: Set the mode, source clock, edge (including INT2ES) when TC1 stops (TC1S=00).
Note 4: Software capture can be used in only timer and event counter modes. SCAP1 is automatically cleared to
“0” after capturing.
Note 5: Values to be loaded to timer registers must satisfy the following condition.
TREG1A>0
Note 6: TC1CR and TREG1A are write-only registers and must not be used with any of the read-modify-write
instructions such as SET, CLR, etc.
Note 7: Please use the auto-capture function in the operative condition of TC1.
A captured value may not be fixed if it's read after the execution of the timer stop or auto-capture
disable. Please read the capture value in a capture enabled condition.
Note 8: Since the up-counter value is captured into TC1DRB by the source clock of up-counter after
setting TC1CR<ACAP1> to “1”. Therefore, wait at least one cycle of the internal source clock
before reading TC1DRB for the first time.
Figure 2-19. Timer Registers and TC1 Control Register
Timer Register 1
TREG1A
15
14
13
12
11
10
9
8
7
6
54
32
10
(00016, 00017H)
TREG1AH (00017H)
TREG1AL (00016H)
Write only
TREG1B
(00012, 00013H)
TREG1BH (00013H)
TREG1BL (00012H)
Read only
Timer Counter 1 Control Register
7654
3210
TC1CR
(00014H)
“1”
SCAP1
MCAP1
METT1
TC1S
TC1CK
TC1M
(Initial value: *000 0000 )
TC1M
TC1 operating mode select
00: Timer / external trigger timer / event counter mode
01: Window mode
10: Pulse width measurement mode
11: reserved
TC1CK
TC1 source clock select [Hz]
NORMAL1/2, IDLE1/2 mode
SLOW,
SLEEP
mode
DV7CK = 0
DV7CK = 1
DV1CK = 0
DV1CK = 1
DV1CK = 0
DV1CK = 1
00
fc/211
fc/212
fs/23
fs/23
fs/23
01
fc/27
fc/28
fc/27
fc/28
10
fc/23
fc/24
fc/23
fc/24
11
External clock (TC1 pin input)
Write
only
TC1S
TC1 start control
00: Stop & counter clear
01: Command start
10: Reserved
11: External trigger start
SCAP1
Software capture control
0:
1: Software capture trigger
MCAP1
Pulse width measurement
mode control
0: Double edge capture
1: Single edge capture
METT1
External trigger timer mode
control
0: Trigger start
1: Trigger start & stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com