Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS77F Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP88CS77F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS77F Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP88CS77F Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 97Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 98Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 140 page
background image
3-77-95
TMP88CP77/S77/U77
2007-10-23
(1) Acknowledge mode specification
Set the ACK (bit 4 in SBICR1) to “1” for operation in the acknowledge mode. The 88CP77/S77/U77
generates an additional clock pulse for an acknowledge signal when operating in the master mode.
In the transmitter mode during the clock pulse cycle, the SDA pin is released in order to receive the
acknowledge signal from the receiver. In the receiver mode during the clock pulse cycle, the SDA
pin is set to the low level in order to generate the acknowledge signal.
Reset the ACK for operation in the non-acknowledge mode. The 88CP77/S77/U77 do not generate a
clock pulse for the acknowledge signal when operating in the master mode.
In the acknowledge mode, the 88CP77/S77/U77 counts a clock pulse for the acknowledge signal
when operating in the slave mode. During the clock pulse, when the received slave address is the
same as the value set at the I2CAR or when a GENERAL CALL is received, the SDA pin is set to the
low
level in order to generate the acknowledge signal.
In the transmitter mode during the clock pulse cycle after matching the slave addresses or receiving
a GENERAL CALL, the SDA pin is released in order to receive the acknowledge signal from the
receiver. In the receiver mode during the clock pulse cycle, the SDA pin is set to the low level in
order to generate the acknowledge signal.
In non-acknowledge mode, the 88CP77/S77/U77 does not count a clock pulse for the acknowledge
signal when operating in the slave mode.
(2) Number of transfer bits
The BC (bits 7 to 5 in SBICR1) is used to select a number of bits for transmitting and receiving data.
Since the BC is cleared to “000” as a start condition, a slave address and direction bit transmissions
are always executed in 8 bits. Other than these, the BC retains a specified value.
(3) Serial clock
a. Clock source
The SCK (bits 2 to 0 in SBICR1) is used to select a maximum transfer frequency output
from the SCL pin in the master mode. Set a communication baud rate that meets the I2C
bus specification, such as the shortest pulse width of tLOW, based on the equations shown
below.In both master mode and slave mode, a pulse width of at least 4 machine cycles is
required for both high and low levels.
Figure 2-43. Clock Source
1/fscl
tLOW
tHIGH
tLOW = 2 /fc
tHIGH = 2 /fc + 8/fc
fscl = 1/(tLOW + tHIGH)
n
n
Note: fc ; High-frequency clock
(bits 2 to 0 in the SBICR1)
000
001
010
011
100
101
110
4
5
6
7
8
9
10
n
SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com