Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS77F Datasheet(PDF) 93 Page - Toshiba Semiconductor

Part # TMP88CS77F
Description  CMOS 8-BIT MICROCONTROLLER
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS77F Datasheet(HTML) 93 Page - Toshiba Semiconductor

Back Button TMP88CS77F Datasheet HTML 89Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 90Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS77F Datasheet HTML 97Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 140 page
background image
3-77-93
TMP88CP77/S77/U77
2007-10-23
2.10.4
I2C bus mode control
The following registers are used to control the serial bus interface (SBI-ver.C) and monitor the operation
status in the I2C bus mode.
Note 1: fc ; High-frequency clock [Hz]
Note 2: Set the BC to “000” before switching to 8-bit SIO bus mode.
Note 3: SBICR1 is write-only registers, which cannot be used with any of read-modify-write instruction such as bit
manipulation, etc.
Note 4: This I2C bus circuit does not support the Fast mode. It supports the Standard mode only. Although
the I2C bus circuit itself allows the setting of a baud rate over 100 kbps, the compliance with the I2C
specification is not guaranteed in that case.
Note 1: For writing transmitted data, start from the MSB (bit 7).
Note 2: Cannot read the data which was written into SBIDBR, since a write data buffer and a read data buffer are
independent in SBIDBR. Therefore, SBIDBR cannot be used with any of read-modify-write instructions such as
bit manipulation, etc.
Note 3: The data which was written into SBIDBR is cleared to “0” when INTSBI is generated.
Note: I2CAR is write-only register, which cannot be used with any of read-modify-write instruction such as bit
manipulation, etc.
Figure 2-41.Serial Bus Interface Control Register 1, Serial Bus Interface Data Buffer Register and I2C Bus
Address Register In The I2C Bus Mode
Serial Bus Interface Control Register 1
SBICR1
7
6543210
(00020H)
BC
ACK
SWRST
SCK
(Initial value: 0000 0000)
BC
Number of transferred bits
BC
ACK = 0
ACK = 1
Write
only
Number of
Clock
Bits
Number of
Clock
Bits
000
8
8
9
8
001
1
1
2
1
010
2
2
3
2
011
3
3
4
3
100
4
4
5
4
101
5
5
6
5
110
6
6
7
6
111
77
87
ACK
Acknowledge mode specification
0: Acknowledge not returned to transmitter.
1: Acknowledge returned to transmitter.
Read/
Write
SWRST
Initiate a internal of SBI
0: -
1: Initialized (Clearing
“0” after initialized)
Read/
Write
SCK
Serial clock selection
000:Reserved (Note4)
001:Reserved (Note4)
010: 58.8 kHz
011: 30.3 kHz
at fc = 8 MHz (Output on SCL pin)
100: 15.4 kHz
101: 7.75 kHz
110: 3.89 kHz
111:Reserved
Write
only
Serial Bus Interface Data Buffer Register
SBIDBR
7
6543210
(00021H)
Read / Write
I2C bus Address Register
I2CAR
7
6543210
Slave address
ALS
(00022H)
SA6
SA5
SA4
SA3
SA2
SA1
SA0
(Initial value: 0000 0000)
SA
88CP77/S77/U77 slave address selection
Write
only
ALS
Address recognition mode
specification
0: Slave address recognition
1: Non slave address recognition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com