Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 66 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 66 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 62Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 63Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 64Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 65Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 70Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 294 page
background image
Page 50
5. I/O Ports
5.1 Port P0 (P07 to P00)
TMP86FS49BUG
5.1 Port P0 (P07 to P00)
Port P0 is an 8-bit input/output port.
Port P0 is also used as an external interrupt input, Serial PROM mode control input, a serial interface input/output
and an UART input/output.
When used as an input port, an external interrupt input, a serial interface input/output and an UART input/output,
the corresponding output latch (P0DR) should be set to "1".
During reset, the P0DR is initialized to "1", and the P0OUTCR is initialized to "0".
It can be selected whether output circuit of P0 port is a C-MOS output or a sink open drain individually, by setting
P0OUTCR. When a corresponding bit of P0OUTCR is "0", the output circuit is selected to a sink open drain and
when a corresponding bit of P0OUTCR is "1", the output circuit is selected to a C-MOS output.
When used as an input port, an external interrupt input, a serial interface input and an UART input, the correspond-
ing output control (P0OUTCR) should be set to "0" after P0DR is set to "1".
P0 port output latch (P0DR) and P0 port terminal input (P0PRD) are located on their respective address.
When read the output latch data, the P0DR should be read. When read the terminal input data, the P0PRD register
should be read.
Note: i = 7 to 0
Figure 5-2 Port 0 and P0OUTCR
Table 5-1 Register Programming for Multi-function Ports (P07 to P00)
Function
Programmed Value
P0DR
P0OUTCR
Port input, external interrupt input, serial inter-
face input or UART input, Serial PROM mode
cotrol input
“1”
“0”
Port “0” output
“0”
Programming
for each applica-
tions
Port “1” output, serial interface output or UART
output
“1”
Data output (P0DR)
Control output
STOP
OUTEN
P0OUTCRi
DQ
P0i
P0OUTCRi input
Data input (P0PRD)
Output latch read (P0DR)
Control input
DQ
Output latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com