Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 66Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 67Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 68Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 69Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 70Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 71Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 72Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 294 page
background image
Page 54
5. I/O Ports
5.3 Port P2 (P22 to P20)
TMP86FS49BUG
5.3 Port P2 (P22 to P20)
Port P2 is a 3-bit input/output port.
It is also used as an external interrupt, a STOP mode release signal input, and low-frequency crystal oscillator con-
nection pins. When used as an input port or a secondary function pins, respective output latch (P2DR) should be set
to “1”.
During reset, the P2DR is initialized to “1”.
A low-frequency crystal oscillator (32.768 kHz) is connected to pins P21 (XTIN) and P22 (XTOUT) in the dual-
clock mode. In the single-clock mode, pins P21 and P22 can be used as normal input/output ports.
It is recommended that pin P20 should be used as an external interrupt input, a STOP mode release signal input, or
an input port. If it is used as an output port, the interrupt latch is set on the falling edge of the output pulse.
P2 port output latch (P2DR) and P2 port terminal input (P2PRD) are located on their respective address.
When read the output latch data, the P2DR should be read and when read the terminal input data, the P2PRD reg-
ister should be read. If a read instruction is executed for port P2, read data of bits 7 to 3 are unstable.
Figure 5-4 Port 2
Note: Port P20 is used as STOP pin. Therefore, when stop mode is started, OUTEN does not affect to P20, and P20 becomes
high-Z mode.
P2DR
(0002H)
R/W
76
543
21
0
P22
XTOUT
P21
XTIN
P20
INT5
STOP
(Initial value: **** *111)
P2PRD
(000CH)
Read only
P22
P21
P20
Output latch
Osc. enable
Output latch
DQ
P20 (INT5, STOP)
DQ
Output latch
DQ
P21 (XTIN)
P22 (XTOUT)
Data input (P20PRD)
Data input (P20)
Data output (P20)
Contorl input
Data input (P21PRD)
Output latch read (P21)
Data output (P21)
Data input (P22PRD)
Output latch read (P22)
Data output (P22)
STOP
OUTEN
XTEN
fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com