Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 77 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 77 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 73Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 74Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 75Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 76Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 77Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 78Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 79Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 80Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 81Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 294 page
background image
Page 61
TMP86FS49BUG
Note 1: The port placed in input mode reads the pin input state. Therefore, when the input and output modes are used together,
the output latch contents for the port in input mode might be changed by executing a bit manipulation instruction.
Note 2: When used as an analog inport, be sure to clear the corresponding bit of P6CR2 to disable the port input.
Note 3: Do not set the output mode (P6CR1 = “1”) for the pin used as an analog input pin.
Note 4: Pins not used for analog input can be used as I/O ports. During AD conversion, output instructions should not be executed
to keep a precision. In addition, a variable signal should not be input to a port adjacent to the analog input during AD con-
version.
P6DR
(0006H)
R/W
76
543
21
0
P67
AIN7
STOP3
P66
AIN6
STOP2
P65
AIN5
STOP1
P64
AIN4
STOP0
P63
AIN3
P62
AIN2
P61
AIN1
P60
AIN0
(Initial value: 0000 0000)
P6CR1
(0F9BH)
76
543
21
0
(Initial value: 0000 0000)
P6CR1
I/O control for port P6 (Specified for each bit)
0: Input mode
1: Output mode
R/W
P6CR2
(0F9CH)
76
543
21
0
(Initial value: 1111 1111)
P6CR2
P6 port input control (Specified for each bit)
0: Analog input
1: Port input
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com