Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 102 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 102 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 98Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 99Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 100Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 101Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 102Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 103Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 104Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 105Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 106Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 294 page
background image
Page 86
8. 16-Bit TimerCounter 1 (TC1)
8.3 Function
TMP86FS49BUG
8.3.5 Pulse Width Measurement Mode
In the pulse width measurement mode, the up-counter starts counting by the input pulse triggering of the
TC1 pin, and counts up at the edge of the internal clock. Either the rising or falling edge of the internal clock is
selected as the trigger edge in TC1CR<TC1S>. Either the single- or double-edge capture is selected as the trig-
ger edge in TC1CR<MCAP1>.
• When TC1CR<MCAP1> is set to “1” (single-edge capture)
Either high- or low-level input pulse width can be measured. To measure the high-level input pulse
width, set the rising edge to TC1CR<TC1S>. To measure the low-level input pulse width, set the
falling edge to TC1CR<TC1S>.
When detecting the edge opposite to the trigger edge used to start counting after the timer starts,
the up-counter captures the up-counter value into TC1DRB and generates an INTTC1 interrupt
request. The up-counter is cleared at this time, and then restarts counting when detecting the trigger
edge used to start counting.
• When TC1CR<MCAP1> is set to “0” (double-edge capture)
The cycle starting with either the high- or low-going input pulse can be measured. To measure the
cycle starting with the high-going pulse, set the rising edge to TC1CR<TC1S>. To measure the cycle
starting with the low-going pulse, set the falling edge to TC1CR<TC1S>.
When detecting the edge opposite to the trigger edge used to start counting after the timer starts,
the up-counter captures the up-counter value into TC1DRB and generates an INTTC1 interrupt
request. The up-counter continues counting up, and captures the up-counter value into TC1DRB and
generates an INTTC1 interrupt request when detecting the trigger edge used to start counting. The
up-counter is cleared at this time, and then continues counting.
Note 1: The captured value must be read from TC1DRB until the next trigger edge is detected. If not read, the cap-
tured value becomes a don’t care. It is recommended to use a 16-bit access instruction to read the captured
value from TC1DRB.
Note 2: For the single-edge capture, the counter after capturing the value stops at “1” until detecting the next edge.
Therefore, the second captured value is “1” larger than the captured value immediately after counting
starts.
Note 3: The first captured value after the timer starts may be read incorrectively, therefore, ignore the first captured
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com