Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 110 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 110 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 106Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 107Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 108Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 109Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 110Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 111Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 112Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 113Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 114Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 294 page
background image
Page 94
9. 16-Bit Timer/Counter2 (TC2)
9.2 Control
TMP86FS49BUG
9.2 Control
The timer/counter 2 is controlled by a timer/counter 2 control register (TC2CR) and a 16-bit timer register 2
(TC2DR).
Note 1: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *: Don't care
Note 2: When writing to the Timer Register 2 (TC2DR), always write to the lower side (TC2DRL) and then the upper side
(TC2DRH) in that order. Writing to only the lower side (TC2DRL) or the upper side (TC2DRH) has no effect.
Note 3: The timer register 2 (TC2DR) uses the value previously set in it for coincidence detection until data is written to the upper
side (TC2DRH) after writing data to the lower side (TC2DRL).
Note 4: Set the mode and source clock when the TC2 stops (TC2S = 0).
Note 5: Values to be loaded to the timer register must satisfy the following condition.
TC2DR > 1 (TC2DR15 to TC2DR11 > 1 at warm up)
Note 6: If a read instruction is executed for TC2CR, read data of bit 7, 6 and 1 are unstable.
Note 7: The high-frequency clock (fc) canbe selected only when the time mode at SLOW2 mode is selected.
Note 8: On entering STOP mode, the TC2 start control (TC2S) is cleared to "0" automatically. So, the timer stops. Once the STOP
mode has been released, to start using the timer counter, set TC2S again.
TC2DR
(0025H,
0024H)
15
14
13
12
11
10
9876543210
TC2DRH (0025H)
TC2DRL (0024H)
(Initial value: 1111 1111 1111 1111)
R/W
TC2CR
(0023H)
76
543
21
0
TC2S
TC2CK
TC2M
(Initial value: **00 00*0)
TC2S
TC2 start control
0:Stop and counter clear
1:Start
R/W
TC2CK
TC2 source clock select
Unit : [Hz]
NORMAL1/2, IDLE1/2 mode
Divider
SLOW1/2
mode
SLEEP1/2
mode
R/W
DV7CK = 0
DV7CK = 1
000
fc/223
fs/215
DV21
fs/215
fs/215
001
fc/213
fs/25
DV11
fs/25
fs/25
010
fc/28
fc/28
DV6
–
–
011
fc/23
fc/23
DV1
–
–
100
–
–
–
fc (Note7)
–
101
fs
fs
–
–
–
110
Reserved
External clock (TC2 pin input)
111
TC2M
TC2 operating mode
select
0:Timer/event counter mode
1:Window mode
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com