Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 123 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 123 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 119Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 120Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 121Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 122Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 123Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 124Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 125Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 126Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 127Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 294 page
background image
Page 107
TMP86FS49BUG
Note 1: In the programmable divider output mode, do not change the TTREGj setting while the timer is running.
Since TTREGj is not in the shift register configuration in the programmable divider output mode, the new
value programmed in TTREGj is in effect immediately after programming. Therefore, if TTREGi is changed
while the timer is running, an expected operation may not be obtained.
Note 2: When the timer is stopped during PDO output, the PDOj pin holds the output status when the timer is
stopped. To change the output status, program TCjCR<TFFj> after the timer is stopped. Do not change the
TCjCR<TFFj> setting upon stopping of the timer.
Example: Fixing the PDOj pin to the high level when the TimerCounter is stopped
CLR (TCjCR).3: Stops the timer.
CLR (TCjCR).7: Sets the PDOj pin to the high level.
Note 3: j = 3, 4
Example :Generating 1024 Hz pulse using TC4 (fc = 16.0 MHz)
Setting port
LD
(TTREG4), 3DH
: 1/1024
÷27/fc÷2 = 3DH
LD
(TC4CR), 00010001B
: Sets the operating clock to fc/27, and 8-bit PDO mode.
LD
(TC4CR), 00011001B
: Starts TC4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com