Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 169 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 169 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 165Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 166Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 167Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 168Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 169Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 170Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 171Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 172Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 173Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 294 page
background image
Page 153
TMP86FS49BUG
13.4 Transfer Rate
The baud rate of UART2 is set of UART2CR1<BRG>. The example of the baud rate are shown as follows.
When TC5 is used as the UART2 transfer rate (when UART2CR1<BRG> = “110”), the transfer clock and transfer
rate are determined as follows:
Transfer clock [Hz] = TC5 source clock [Hz] / TTREG5 setting value
Transfer Rate [baud] = Transfer clock [Hz] / 16
13.5 Data Sampling Method
The UART2 receiver keeps sampling input using the clock selected by UART2CR1<BRG> until a start bit is
detected in RXD2 pin input. RT clock starts detecting “L” level of the RXD2 pin. Once a start bit is detected, the
start bit, data bits, stop bit(s), and parity bit are sampled at three times of RT7, RT8, and RT9 during one receiver
clock interval (RT clock). (RT0 is the position where the bit supposedly starts.) Bit is determined according to major-
ity rule (The data are the same twice or more out of three samplings).
Figure 13-4 Data Sampling Method
Table 13-1 Transfer Rate (Example)
BRG
Source Clock
16 MHz
8 MHz
4 MHz
000
76800 [baud]
38400 [baud]
19200 [baud]
001
38400
19200
9600
010
19200
9600
4800
011
9600
4800
2400
100
4800
2400
1200
101
2400
1200
600
RT0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 0
1
2
3
4
5
6
7
8
9 10 11
Bit 0
Start bit
Bit 0
Start bit
(a) Without noise rejection circuit
RT clock
Internal receive data
RT0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 0
1
2
3
4
5
6
7
8
9 10 11
Bit 0
Start bit
Bit 0
Start bit
RT clock
Internal receive data
(b) With noise rejection circuit
RXD2 pin
RXD2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com