Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 185 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 185 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 181Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 182Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 183Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 184Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 185Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 186Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 187Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 188Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 189Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 294 page
background image
Page 169
TMP86FS49BUG
If received data is not read out from SIO1RDB receive error occurs immediately after shift opera-
tion is finished. Then INTSIO1 interrupt request is generated after SIO1SR<RXERR> is set to “1”.
(3) Stopping the receive operation
There are two ways for stopping the receive operation.
• The way of clearing SIO1CR<SIOS>.
When SIO1CR<SIOS> is cleared to “0”, receive operation is stopped after all of the data is
finished to receive. When receive operation is finished, SIO1SR<SIOF> is cleared to “0”.
In external clock operation, SIO1CR<SIOS> must be cleared to “0” before SIO1SR<SEF> is
set to “1” by starting the next shift operation.
• The way of setting SIO1CR<SIOINH>.
Receive operation is stopped immediately after SIO1CR<SIOINH> is set to “1”. In this case,
SIO1CR<SIOS>, SIO1SR register, SIO1RDB register and SIO1TDB register are initialized.
Figure 14-10 Example of Internal Clock and MSB Receive Mode
A6 A5 A4 A3 A2 A1
A0
A7
B7 B6 B5 B4 B3 B2 B1
C7
B0
C6 C5 C4 C3 C2 C1 C0
B
A
C
Automatic wait
Start shift
operation
Start shift
operation
Start shift
operation
Writing transmit
data A
Writing transmit
data B
Clearing SIOS
Writing transmit
data C
SIO1CR<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>
SCK1
pin
SI1 pin
SIO1SR<RXF>
INTSIO1
interrupt
request
SIO1RDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com