Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 218 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 218 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 214Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 215Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 216Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 217Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 218Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 219Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 220Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 221Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 222Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 294 page
background image
Page 202
16. Serial Bus Interface(I2C Bus) Ver.-D (SBI)
16.5 I2C Bus Control
TMP86FS49BUG
When a stop condition on the bus or an arbitration lost is detected, the TRX is cleared to “0” by the hardware.
" Table 16-2 TRX changing conditions in each mode " shows TRX changing conditions in each mode and TRX
value after changing
When a serial bus interface circuit operates in the free data format, a slave address and a direction bit are not
recognized. They are handled as data just after generating a start condition. The TRX is not changed by a hard-
ware.
16.5.7 Start/stop condition generation
When the BB (Bit5 in SBISRB) is “0”, a slave address and a direction bit which are set to the SBIDBR are
output on a bus after generating a start condition by writing “1” to the MST, TRX, BB and PIN. It is necessary
to set ACK to “1” beforehand.
Figure 16-5 Start Condition Generation and Slave Address Generation
When the BB is “1”, sequence of generating a stop condition is started by writing “1” to the MST, TRX and
PIN, and “0” to the BB. Do not modify the contents of MST, TRX, BB and PIN until a stop condition is gener-
ated on a bus.
When a stop condition is generated and the SCL line on a bus is pulled-down to low level by another device,
a stop condition is generated after releasing the SCL line.
Figure 16-6 Stop Condition Generation
The bus condition can be indicated by reading the contents of the BB (Bit5 in SBISRB). The BB is set to “1”
when a start condition on a bus is detected (Bus Busy State) and is cleared to “0” when a stop condition is
detected (Bus Free State).
16.5.8 Interrupt service request and cancel
When a serial bus interface circuit is in the master mode and transferring a number of clocks set by the BC
and the ACK is complete, a serial bus interface interrupt request (INTSBI) is generated.
Table 16-2 TRX changing conditions in each mode
Mode
Direction Bit
Conditions
TRX after Changing
Slave
Mode
"0"
A received slave address is
the same value set to I2CAR
"0"
"1"
"1"
Master
Mode
"0"
ACK signal is returned
"1"
"1"
"0"
Slave address and the direction bit
Start condition
Acknowledge signal
A6
A5
2
3
4
5
6
7
8
9
A4
A3
A2
A1
A0
R/W
1
SCL pin
SDA pin
Stop condition
SCL pin
SDA pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com