Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 271 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 271 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 267Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 268Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 269Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 270Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 271Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 272Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 273Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 274Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 275Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 294 page
background image
Page 255
TMP86FS49BUG
20.8.2 Calculation data
The data used to calculate the checksum is listed in Table 20-15.
Table 20-15 Checksum Calculation Data
Operating Mode
Calculation Data
Description
Flash memory writing mode
Data in the entire area of the flash memory
Even when a part of the flash memory is written, the checksum
of the entire flash memory area (1000H to FFFH) is calculated.
The data length, address, record type and checksum in Intel
Hex format are not included in the checksum.
Flash memory SUM output
mode
RAM loader mode
RAM data written in the first received RAM
address through the last received RAM address
The length of data, address, record type and checksum in Intel
Hex format are not included in the checksum.
Product ID Code
Output mode
9th through 18th bytes of the transferred data
For details, refer to " 20.11 Product ID Code ".
Flash Memory Status Output mode
9th through 12th bytes of the transferred data
For details, refer to " 20.12 Flash Memory Status Code "
Flash Memory Erasing mode
All data in the erased area of the flash memory
(the whole or part of the flash memory)
When the sector erase is executed, only the erased area is
used to calculate the checksum. In the case of the chip erase,
an entire area of the flash memory is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com