Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CM49NG Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TMP86CM49NG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM49NG Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TMP86CM49NG Datasheet HTML 35Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 36Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 37Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 38Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 39Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 40Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 41Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 42Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 252 page
background image
Page 25
TMP86CM49NG
2.2.4.3 IDLE0 and SLEEP0 modes (IDLE0, SLEEP0)
IDLE0 and SLEEP0 modes are controlled by the system control register 2 (SYSCR2) and the time base
timer control register (TBTCR). The following status is maintained during IDLE0 and SLEEP0 modes.
1. Timing generator stops feeding clock to peripherals except TBT.
2. The data memory, CPU registers, program status word and port output latches are all held in the
status in effect before IDLE0 and SLEEP0 modes were entered.
3. The program counter holds the address 2 ahead of the instruction which starts IDLE0 and
SLEEP0 modes.
Note: Before starting IDLE0 or SLEEP0 mode, be sure to stop (Disable) peripherals.
Figure 2-12 IDLE0 and SLEEP0 Modes
Yes
(Normal release mode)
Yes (Interrupt release mode)
No
Yes
Reset input
CPU and WDT are halted
Reset
TBT
source clock
falling
edge
TBTCR<TBTEN>
= "1"
Interrupt processing
IMF = "1"
Yes
TBT interrupt
enable
No
No
No
No
Stopping peripherals
by instruction
Yes
Starting IDLE0, SLEEP0
modes by instruction
Execution of the instruction
which follows the IDLE0,
SLEEP0 modes start
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com