Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CM49NG Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # TMP86CM49NG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM49NG Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button TMP86CM49NG Datasheet HTML 28Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 29Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 30Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 31Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 32Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 33Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 34Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 35Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 252 page
background image
Page 18
2. Operational Description
2.2 System Clock Controller
TMP86CM49NG
2.2.4 Operating Mode Control
2.2.4.1 STOP mode
STOP mode is controlled by the system control register 1, the STOP pin input and key-on wakeup input
(STOP3 to STOP0) which is controlled by the STOP mode release control register (STOPCR).
The STOP pin is also used both as a port P20 and an INT5 (external interrupt input 5) pin. STOP mode is
started by setting SYSCR1<STOP> to “1”. During STOP mode, the following status is maintained.
1. Oscillations are turned off, and all internal operations are halted.
2. The data memory, registers, the program status word and port output latches are all held in the
status in effect before STOP mode was entered.
3. The prescaler and the divider of the timing generator are cleared to “0”.
4. The program counter holds the address 2 ahead of the instruction (e.g., [SET (SYSCR1).7])
which started STOP mode.
STOP mode includes a level-sensitive mode and an edge-sensitive mode, either of which can be
selected with the SYSCR1<RELM>. Do not use any key-on wakeup input (STOP3 to STOP0) for releas-
ing STOP mode in edge-sensitive mode.
Note 1: The STOP mode can be released by either the STOP or key-on wakeup pin (STOP3 to STOP0).
However, because the STOP pin is different from the key-on wakeup and can not inhibit the release
input, the STOP pin must be used for releasing STOP mode.
Note 2: During STOP period (from start of STOP mode to end of warm up), due to changes in the external
interrupt pin signal, interrupt latches may be set to “1” and interrupts may be accepted immediately
after STOP mode is released. Before starting STOP mode, therefore, disable interrupts. Also, before
enabling interrupts after STOP mode is released, clear unnecessary interrupt latches.
(1) Level-sensitive release mode (RELM = “1”)
In this mode, STOP mode is released by setting the STOP pin high or setting the STOP3 to STOP0
pin input which is enabled by STOPCR. This mode is used for capacitor backup when the main
power supply is cut off and long term battery backup.
Even if an instruction for starting STOP mode is executed while STOP pin input is high or STOP3
to STOP0 input is low, STOP mode does not start but instead the warm-up sequence starts immedi-
ately. Thus, to start STOP mode in the level-sensitive release mode, it is necessary for the program to
first confirm that the STOP pin input is low or STOP3 to STOP0 input is high. The following two
methods can be used for confirmation.
1. Testing a port.
2. Using an external interrupt input INT5 (INT5 is a falling edge-sensitive input).
Example 1 :Starting STOP mode from NORMAL mode by testing a port P20.
LD
(SYSCR1), 01010000B
; Sets up the level-sensitive release mode
SSTOPH:
TEST
(P2PRD). 0
; Wait until the STOP pin input goes low level
JRS
F, SSTOPH
DI
; IMF
← 0
SET
(SYSCR1). 7
; Starts STOP mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com