Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CM49NG Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMP86CM49NG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CM49NG Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMP86CM49NG Datasheet HTML 45Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 46Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 47Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 48Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 49Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 50Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 51Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 52Page - Toshiba Semiconductor TMP86CM49NG Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 252 page
background image
Page 35
TMP86CM49NG
3. Interrupt Control Circuit
The TMP86CM49NG has a total of 24 interrupt sources excluding reset. Interrupts can be nested with priorities.
Four of the internal interrupt sources are non-maskable while the rest are maskable.
Interrupt sources are provided with interrupt latches (IL), which hold interrupt requests, and independent vectors.
The interrupt latch is set to “1” by the generation of its interrupt request which requests the CPU to accept its inter-
rupts. Interrupts are enabled or disabled by software using the interrupt master enable flag (IMF) and interrupt enable
flag (EF). If more than one interrupts are generated simultaneously, interrupts are accepted in order which is domi-
nated by hardware. However, there are no prioritized interrupt factors among non-maskable interrupts.
Note 1: To use the address trap interrupt (INTATRAP), clear WDTCR1<ATOUT> to “0” (It is set for the “reset request” after reset is
cancelled). For details, see “Address Trap”.
Note 2: To use the watchdog timer interrupt (INTWDT), clear WDTCR1<WDTOUT> to "0" (It is set for the "Reset request" after
reset is released). For details, see "Watchdog Timer".
Note 3: If an INTADC interrupt request is generated while an interrupt with priority lower than the interrupt latch IL15 (INTADC) is
being accepted, the INTADC interrupt latch may be cleared without the INTADC interrupt being processed. For details,
refer to the corresponding notes in the chapter on the AD converter.
3.1 Interrupt latches (IL23 to IL2)
An interrupt latch is provided for each interrupt source, except for a software interrupt and an executed the unde-
fined instruction interrupt. When interrupt request is generated, the latch is set to “1”, and the CPU is requested to
accept the interrupt if its interrupt is enabled. The interrupt latch is cleared to "0" immediately after accepting inter-
rupt. All interrupt latches are initialized to “0” during reset.
Interrupt Factors
Enable Condition
Interrupt
Latch
Vector
Address
Priority
Internal/External
(Reset)
Non-maskable
–
FFFE
1
Internal
INTSWI (Software interrupt)
Non-maskable
–
FFFC
2
Internal
INTUNDEF (Executed the undefined instruction
interrupt)
Non-maskable
–
FFFC
2
Internal
INTATRAP (Address trap interrupt)
Non-maskable
IL2
FFFA
2
Internal
INTWDT (Watchdog timer interrupt)
Non-maskable
IL3
FFF8
2
External
INT0
IMF• EF4 = 1, INT0EN = 1
IL4
FFF6
5
Internal
INTTC1
IMF• EF5 = 1
IL5
FFF4
6
External
INT1
IMF• EF6 = 1
IL6
FFF2
7
Internal
INTTBT
IMF• EF7 = 1
IL7
FFF0
8
External
INT2
IMF• EF8 = 1
IL8
FFEE
9
Internal
INTTC4
IMF• EF9 = 1
IL9
FFEC
10
Internal
INTTC3
IMF• EF10 = 1
IL10
FFEA
11
Internal
INTSBI
IMF• EF11 = 1
IL11
FFE8
12
External
INT3
IMF• EF12 = 1
IL12
FFE6
13
Internal
INTSIO1
IMF• EF13 = 1
IL13
FFE4
14
Internal
INTSIO2
IMF• EF14 = 1
IL14
FFE2
15
Internal
INTADC
IMF• EF15 = 1
IL15
FFE0
16
Internal
INTRXD1
IMF• EF16 = 1
IL16
FFBE
17
Internal
INTTXD1
IMF• EF17 = 1
IL17
FFBC
18
Internal
INTTC6
IMF• EF18 = 1
IL18
FFBA
19
Internal
INTTC5
IMF• EF19 = 1
IL19
FFB8
20
Internal
INTRXD2
IMF• EF20 = 1
IL20
FFB6
21
Internal
INTTXD2
IMF• EF21 = 1
IL21
FFB4
22
Internal
INTTC2
IMF• EF22 = 1
IL22
FFB2
23
External
INT5
IMF• EF23 = 1
IL23
FFB0
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com