Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 258 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 258 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 254Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 255Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 256Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 257Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 258Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 259Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 260Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 261Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 262Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 294 page
background image
Page 242
20. Serial PROM Mode
20.6 Operation Mode
TMP86FS49AFG
2. The 5th byte of the received data contains the command data in the flash memory erasing mode
(F0H).
3. When the 5th byte of the received data contains the operation command data shown in Table 20-6, the
device echoes back the value which is the same data in the 6th byte position of the received data (in
this case, F0H). If the 5th byte of the received data does not contain the operation command data, the
device enters the halt condition after sending 3 bytes of the operation command error code (63H).
4. The 7th thorough m'th bytes of the transmitted and received data contain the same data as in the flash
memory writing mode. In the case of a blank product, do not transmit a password string. (Do not
transmit a dummy password string.)
5. The n’th - 2 byte contains the erasure area specification data. The upper 4 bits and lower 4 bits specify
the start address and end address of the erasure area, respectively. For the detailed description, see
“1.13 Specifying the Erasure Area”.
6. The n’th - 1 byte and n’th byte contain the upper and lower bytes of the checksum, respectively. For
how to calculate the checksum, refer to “1.8 Checksum (SUM)”. Checksum is calculated unless a
receiving error or Intel Hex format error occurs. After sending the end record, the external controller
judges whether the transmission is completed correctly by receiving the checksum sent by the device.
7. After sending the checksum, the device waits for the next operation command data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com