Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AFG Datasheet(PDF) 259 Page - Toshiba Semiconductor

Part # TMP86FS49AFG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AFG Datasheet(HTML) 259 Page - Toshiba Semiconductor

Back Button TMP86FS49AFG Datasheet HTML 255Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 256Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 257Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 258Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 259Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 260Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 261Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 262Page - Toshiba Semiconductor TMP86FS49AFG Datasheet HTML 263Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 294 page
background image
Page 243
TMP86FS49AFG
20.6.2 Flash Memory Writing Mode (Operation command: 30H)
Table 20-8 shows flash memory writing mode process.
Note 1: “xxH
× 3” indicates that the device enters the halt condition after sending 3 bytes of xxH. For details, refer to " 20.7 Error
Code ".
Note 2: Refer to " 20.9 Intel Hex Format (Binary) ".
Note 3: Refer to " 20.8 Checksum (SUM) ".
Note 4: Refer to " 20.10 Passwords ".
Note 5: If addresses from FFE0H to FFFFH are filled with “FFH”, the passwords are not compared because the device is consid-
ered as a blank product. Transmitting a password string is not required. Even in the case of a blank product , it is required
to specify the password count storage address and the password comparison start address. Transmit these data from the
external controller. If a password error occurs due to incorrect password count storage address or password comparison
start address, TMP86FS49AFG stops UART communication and enters the halt condition. Therefore, when a password
error occurs, initialize TMP86FS49AFG by the RESET pin and reactivate the serial ROM mode.
Note 6: If the read protection is enabled or a password error occurs, TMP86FS49AFG stops UART communication and enters the
halt confition. In this case, initialize TMP86FS49AFG by the RESET pin and reactivate the serial ROM mode.
Note 7: If an error occurs during the reception of a password address or a password string, TMP86FS49AFG stops UART commu-
nication and enters the halt condition. In this case, initialize TMP86FS49AFG by the RESET pin and reactivate the serial
PROM mode.
Table 20-8 Flash Memory Writing Mode Process
Transfer Byte
Transfer Data from External Controller
to TMP86FS49AFG
Baud Rate
Transfer Data from TMP86FS49AFG to
External Controller
BOOT
ROM
1st byte
2nd byte
Matching data (5Ah)
-
9600 bps
9600 bps
- (Automatic baud rate adjustment)
OK: Echo back data (5AH)
Error: Nothing transmitted
3rd byte
4th byte
Baud rate modification data
(See Table 20-4)
-
9600 bps
9600 bps
-
OK: Echo back data
Error: A1H
× 3, A3H × 3, 62H × 3 (Note 1)
5th byte
6th byte
Operation command data (30H)
-
Modified baud rate
Modified baud rate
-
OK: Echo back data (30H)
Error: A1H
× 3, A3H × 3, 63H × 3 (Note 1)
7th byte
8th byte
Password count storage address bit
15 to 08 (Note 4)
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
9th byte
10th byte
Password count storage address bit
07 to 00 (Note 4)
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
11th byte
12th byte
Password comparison start address
bit 15 to 08 (Note 4)
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
13th byte
14th byte
Password comparison start address
bit 07 to 00 (Note 4)
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted)
15th byte
:
m’th byte
Password string (Note 5)
-
Modified baud rate
-
OK: Nothing transmitted
Error: Nothing transmitted
m’th + 1 byte
:
n’th - 2 byte
Intel Hex format (binary)
(Note 2)
Modified baud rate
-
-
n’th - 1 byte
-
Modified baud rate
OK: SUM (Upper byte) (Note 3)
Error: Nothing transmitted
n’th byte
-
Modified baud rate
OK: SUM (Lower byte) (Note 3)
Error: Nothing transmitted
n’th + 1 byte
(Wait state for the next operation com-
mand data)
Modified baud rate
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com