Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 262 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 262 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 258Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 259Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 260Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 261Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 262Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 263Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 264Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 265Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 266Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 272 page
background image
Page 250
20. Electrical Characteristics
20.2 Operating Condition
TMP86FS28DFG
20.2 Operating Condition
The Operating Conditions show the conditions under which the device be used in order for it to operate normally
while maintaining its quality. If the device is used outside the range of Operating Conditions (power supply voltage,
operating temperature range, or AC/DC rated values), it may operate erratically. Therefore, when designing your
application equipment, always make sure its intended working conditions will not exceed the range of Operating
Conditions.
20.2.1 MCU mode (Flash Programming or erasing)
20.2.2 MCU mode (Except Flash Programming or erasing)
Note 1: When the supply voltage is VDD < 3.0V, the operating tempreture is Topr= -20 to 85 °C.
(VSS = 0 V, Topr = -10 to 40°C)
Parameter
Symbol
Pins
Ratings
Min
Max
Unit
Supply voltage
VDD
NORMAL1, 2 modes
4.5
5.5
V
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
Clock frequency
fc
XIN, XOUT
1.0
16.0
MHz
(VSS = 0 V, Topr = −40 to 85°C)
Parameter
Symbol
Pins
Condition
Min
Max
Unit
Supply voltage
VDD
fc = 16 MHz
NORMAL1, 2 mode
4.0
5.5
V
IDLE0, 1, 2 mode
fc = 8 MHz
NORMAL1, 2 mode
2.7(Note1)
IDLE0, 1, 2 mode
fs =
32.768 kHz
SLOW1, 2 mode
SLEEP0, 1, 2 mode
STOP mode
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
VIH3
VDD < 4.5 V
VDD × 0.90
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
VIL3
VDD < 4.5 V
VDD × 0.10
Clock frequency
fc
XIN, XOUT
VDD = 2.7 V to 5.5 V
1.0
8.0
MHz
VDD = 4.0 V to 5.5 V
16.0
fs
XTIN, XTOUT
VDD = 2.7 V to 5.5 V
30.0
34.0
kHz
LCD reference voltage
range
V1
LCD booster circuit enable
(V3
≥ VDD)
0.9
1.8
V
Capacity for LCD
booster circuit
CLCD
0.1
0.47
uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com