Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 265 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 265 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 261Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 262Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 263Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 264Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 265Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 266Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 267Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 268Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 269Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 272 page
background image
Page 253
TMP86FS28DFG
20.4 AD Conversion Characteristics
Note 1: The total error includes all errors except a quantization error, and is defined as a maximum deviation from the ideal con-
version line.
Note 2: Conversion time is different in recommended value by power supply voltage.
About conversion time, please refer to “Register Configuration”.
Note 3: Please use input voltage to AIN input Pin in limit of VAREF to VSS. When voltage of range outside is input, conversion value
becomes unsettled and gives affect to other channel conversion value.
Note 4: Analog reference voltage range:
∆VAREF = VAREF − VSS
Note 5: When AD is used with VDD < 2.7 V, the guaranteed temperature range varies with the operating voltage.
Note 6: The AVDD pin should be fixed on the VDD level even though AD converter is not used.
(VSS = 0.0 V, 4.5 V ≤ VDD ≤ 5.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD − 1.0
–
AVDD
V
Power supply voltage of analog control
circuit (Note6)
AVDD
VDD
AVSS
VSS
Analog reference voltage range (Note4)
∆VAREF
3.5
–
–
Analog input voltage
VAIN
AVSS
–
VAREF
Power supply current of analog
reference voltage
IREF
VDD = AVDD = VAREF = 5.5 V
VSS = AVSS = 0.0 V
–0.6
1.0
mA
Non linearity error
VDD = AVDD = 5.0 V
VSS = AVSS = 0.0 V
VAREF = 5.0 V
––
±2
LSB
Zero point error
––
±2
Full scale error
––
±2
Total error
––
±2
(VSS = 0.0 V, 2.7 V ≤ VDD < 4.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Analog reference voltage
VAREF
AVDD − 1.0
–
AVDD
V
Power supply voltage of analog control
circuit (Note6)
AVDD
VDD
AVSS
VSS
Analog reference voltage range (Note4)
∆VAREF
2.5
–
–
Analog input voltage
VAIN
VSS
–
VAREF
Power supply current of analog
reference voltage
IREF
VDD = AVDD = VAREF = 4.5 V
VSS = AVSS = 0.0 V
–0.5
0.8
mA
Non linearity error
VDD = AVDD = 2.7 V
VSS = AVSS = 0.0 V
VAREF = 2.7 V
––
±2
LSB
Zero point error
––
±2
Full scale error
––
±2
Total error
––
±2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com