Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS28DFG Datasheet(PDF) 266 Page - Toshiba Semiconductor

Part # TMP86FS28DFG
Description  8 Bit Microcontroller
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS28DFG Datasheet(HTML) 266 Page - Toshiba Semiconductor

Back Button TMP86FS28DFG Datasheet HTML 262Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 263Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 264Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 265Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 266Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 267Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 268Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 269Page - Toshiba Semiconductor TMP86FS28DFG Datasheet HTML 270Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 272 page
background image
Page 254
20. Electrical Characteristics
20.5 AC Characteristics
TMP86FS28DFG
20.5 AC Characteristics
Note 1: When the supply voltage is VDD < 3.0V, the operating tempreture is Topr= -20 to 85 °C.
20.6 Flash Characteristics
(VSS = 0 V, VDD = 4.0 to 5.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Machine cycle time
tcy
NORMAL1, 2 mode
0.25
–
4
µs
IDLE1, 2 mode
SLOW1, 2 mode
117.6
–
133.3
SLEEP1, 2 mode
High level clock pulse width
tWCH
For external clock operation
(XIN input)
fc = 16 MHz
–31.25–
ns
Low level clock pulse width
tWCL
High level clock pulse width
tWCH
For external clock operation
(XTIN input)
fs = 32.768 kHz
–15.26–
µs
Low level clock pulse width
tWCL
(VSS = 0 V, VDD = 2.7 to 5.5 V, Topr = −40 to 85°C)
Parameter
Symbol
Condition
Min
Typ.
Max
Unit
Machine cycle time
tcy
NORMAL1, 2 mode
0.5
–
4
µs
IDLE1, 2 mode
SLOW1, 2 mode
117.6
–
133.3
SLEEP1, 2 mode
High level clock pulse width
tWCH
For external clock operation
(XIN input)
fc = 8 MHz
–
62.5
–
ns
Low level clock pulse width
tWCL
High level clock pulse width
tWCH
For external clock operation
(XTIN input)
fs = 32.768 kHz
–15.26–
µs
Low level clock pulse width
tWCL
Parameter
Condition
Min
Typ.
Max
Unit
Number of guaranteed writes to flash
memory
VSS = 0 V, Topr = -10 to 40
°C
–
–
100
Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com