Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 225 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 225 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 221Page - Microchip Technology KSZ9567R Datasheet HTML 222Page - Microchip Technology KSZ9567R Datasheet HTML 223Page - Microchip Technology KSZ9567R Datasheet HTML 224Page - Microchip Technology KSZ9567R Datasheet HTML 225Page - Microchip Technology KSZ9567R Datasheet HTML 226Page - Microchip Technology KSZ9567R Datasheet HTML 227Page - Microchip Technology KSZ9567R Datasheet HTML 228Page - Microchip Technology KSZ9567R Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 233 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002329E-page 225
KSZ9567R
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00002329E (07-15-22)
Section 5.1.4.72, "Global
PM Available Register"
The following has been defeatured in the docu-
ment: 'low latency cut through mode' and 'time
aware traffic scheduler per port'.
Table 3-2, "Pin Descriptions"
Updated Port Receive Error pin definition: from “MII
Mode” to “MII/RMII Modes” and “RMII/RGMII
Modes” to “RGMII Mode”.
Table 3.2.1, "Configuration
Straps"
Updated strapping pin high instructions from “a
non-LED pin” to “any pin”.
Table 3-3, "Configuration
Strap Descriptions"
Updated In-Band Management to include the fol-
lowing note: “If using I2C, do not enable IBA.”
Section 4.1.7, "Auto-Negoti-
ation"
Updated auto-negotiation bypass paragraph,
changing “operating mode” to “operating speed”.
Also added this sentence to the end of the para-
graph: “With parallel detection, the duplex will
always be half-duplex.”
Section 5.1.1.6, "Global
Interrupt Status Register"
Updated field 29:0 definition: from “Reserved” to
“APB Timeout Interrupt Status”.
Section 5.1.1.7, "Global
Interrupt Mask Register"
Updated field 29:0 definition: from “Reserved” to
“APB Timeout Interrupt Mask”.
Section 5.1.2.3, "In-Band
Management (IBA) Control
Register"
Updated bit 31 IBA Enable definition to add the fol-
lowing note: “If using I2C, do not enable IBA.”
Section 5.1.4.72, "Global
PM Available Register"
Added new register to accommodate Packet Mem-
ory Available Block Count.
Section 5.1.6.1, "Global PTP
Clock Control Register"
Added the following note to bit 1 definition: “The
PTP Clock must be enabled when using the time
stamp units (TSU) or trigger output units (TOU),
even if IEEEE 1588 is not implemented.”
Section 5.1.6.21, "Trigger
Output Unit Control 2 Regis-
ter"
Added the following note to the definition of bits 0-
31: “The minimum value for this parameter is
0x50.”
Section 5.1.6.24, "Trigger
Output Unit Control 5 Regis-
ter"
Removed the following sentence from the descrip-
tion of this register: “This register contains the PTP
event trigger output PPS signal pulse width for unit
2 and path delay compensation for
unit 1.”
Section 5.2.2.21, "Port Spe-
cial Register"
Added new register to accommodate Single-LED
Mode Workaround Bit.
Section 5.2.7.4, "Port
Authentication Control Reg-
ister"
Updated bit 2 Access Control List (ACL) Enable
definition from “0 = enable” to “0 = disable”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com