Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 228 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 228 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 224Page - Microchip Technology KSZ9567R Datasheet HTML 225Page - Microchip Technology KSZ9567R Datasheet HTML 226Page - Microchip Technology KSZ9567R Datasheet HTML 227Page - Microchip Technology KSZ9567R Datasheet HTML 228Page - Microchip Technology KSZ9567R Datasheet HTML 229Page - Microchip Technology KSZ9567R Datasheet HTML 230Page - Microchip Technology KSZ9567R Datasheet HTML 231Page - Microchip Technology KSZ9567R Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 233 page
background image
KSZ9567R
DS00002329E-page 228
 2022 Microchip Technology Inc. and its subsidiaries
Section 5.2.7.4, "Port
Authentication Control Reg-
ister," on page 172
Corrected bits 1:0 description.
Section 5.1.6.11, "Global
PTP Message Config 1 Reg-
ister," on page 116
Corrected 802.3AS to 802.1AS and added descrip-
tions.
Section 5.2.2.16, "PHY
LinkMD Register," on
page 151
Updated register bit descriptions.
Section 5.1.1.4, "Global
Chip ID 3 Register," on
page 70
Corrected bit 0 description.
Section 5.4, "MDIO Manage-
able Device (MMD) Regis-
ters (Indirect)," on page 199
Corrected the MMD register read example.
Table 6-2, "RGMII Timing
Values"
Revised minimum RGMII TSKEW parameter.
Table 3-3, "Configuration
Strap Descriptions"
Corrected swapping of LED2_0 and LED4_0,
added notes in strapping. Corrected RXD6_0 and
RXD7_0 in strapping table.
DS00002329B (03-10-17)
Section 4.1.10, "Remote
PHY Loopback," on page 24
Added new section.
Section 4.4.5.1, "Two Rate
Three Color Marker," on
page 37
Added new section.
Section 4.4.5.2, "Weighted
Random Early Detection
(WRED)," on page 37
Updated section with additional information.
Section 4.11.3, "MII Man-
agement (MIIM) Interface,"
on page 59, Section
4.11.3.1, "Standard MIIM
Registers (Direct)", Section
4.11.3.2, "MDIO Manage-
able Device (MMD) Regis-
ters (Indirect)"
Added additional information to end of section.
Added new subsections on Standard MIIM and
MMD registers.
Section 5.4, "MDIO Manage-
able Device (MMD) Regis-
ters (Indirect)," on page 199
Added new section.
Section 5.2.7.8, "Port Police
Queue Rate Register," on
page 174 through Section
5.2.7.14, "Port WRED
Queue Performance Moni-
tor Control Register," on
page 176
Added new register definitions.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com