Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 226 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 226 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 222Page - Microchip Technology KSZ9567R Datasheet HTML 223Page - Microchip Technology KSZ9567R Datasheet HTML 224Page - Microchip Technology KSZ9567R Datasheet HTML 225Page - Microchip Technology KSZ9567R Datasheet HTML 226Page - Microchip Technology KSZ9567R Datasheet HTML 227Page - Microchip Technology KSZ9567R Datasheet HTML 228Page - Microchip Technology KSZ9567R Datasheet HTML 229Page - Microchip Technology KSZ9567R Datasheet HTML 230Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 233 page
background image
KSZ9567R
DS00002329E-page 226
 2022 Microchip Technology Inc. and its subsidiaries
Section 5.2.8.3, "Port Trans-
mit Queue Control 0 Regis-
ter"
Updated bits 4-5 Shaper Mode definition from: “10
= Time aware shaper (TAS) per IEEE 802.1Qbv for
TSN” to “Reserved”.
Section 5.2.9.3, "Port Trans-
mit Queue Memory Regis-
ter"
Added new register to accommodate Port N Trans-
mit Queue Blocks Used.
Section 5.4.1, "MMD LED
Mode Register"
Updated bit 4 definition by adding the following
sentence: “For Single-LED mode, set this bit and
also set bit 9 in register 0xN13C-0xN13D.”
Table 5-3, "Data Rate Selec-
tion Table for Ingress and
Egress Rate Limiting"
Updated 7d’1 - 7d’10 1000Mbps BPS definition
from “1Mbps” to “10Mbps”.
Section 6.4.8, "Power-up
and Reset Timing"
For Note 3, updated first sentence from: “The rec-
ommended power down sequence is to power
down the low voltage core before powering down
the transceiver and digital I/O voltages, or to have
all supplies power down in unison” to “The power
supplies may be powered down in any sequence.”
DS00002329D (07-08-19)
Table 4-14, "Transmit Tail
Tag Format (from Host to
Switch)"
Bit 7 changed to “15:11” and description changed
to “Reserved”.
Section 2.1, "General
Description," on page 8
Updated first bullet to indicate the non-blocking
wire-speed Ethernet switch fabric supports 1 Gbps
on RGMII.
Section 4.1.5, "Pair-Swap,
Alignment, and Polarity
Check"
Updated first bullet description.
Section 4.3.3, "Back-Off
Algorithm"
Updated second sentence.
Section 4.3.5, "Legal Packet
Size"
Simplified paragraph for clarity.
Section 4.3.6, "Flow Control"
Simplified last sentence of third paragraph.
Table 4-10
Updated Action description for the Yes entry.
Section 4.4.3.2.1, Tag Inser-
tion and Removal
Updated last paragraph of section.
Section 4.4.8, "Multiple
Spanning Tree Support"
Updated second sentence.
Table 4-17, "ACL Matching
Rule Parameters for MD =
01"
Corrected ENB[1:0] “01” and “10” definitions to
match those in Table 4-16, "Matching Rule
Options".
Section 4.5, "IEEE 1588
Precision Time Protocol"
Added additional paragraph to end of section.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com