Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C191 Datasheet(PDF) 21 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 21 Page - Microchip Technology

Back Button RE46C191 Datasheet HTML 17Page - Microchip Technology RE46C191 Datasheet HTML 18Page - Microchip Technology RE46C191 Datasheet HTML 19Page - Microchip Technology RE46C191 Datasheet HTML 20Page - Microchip Technology RE46C191 Datasheet HTML 21Page - Microchip Technology RE46C191 Datasheet HTML 22Page - Microchip Technology RE46C191 Datasheet HTML 23Page - Microchip Technology RE46C191 Datasheet HTML 24Page - Microchip Technology RE46C191 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005225H-page 21
RE46C191
4.3
Smoke Calibration
A separate Calibration mode is entered for each
Measurement mode (Normal, Hysteresis, Hush and
Chamber Test), so that independent limits can be set
for each. In all Calibration modes, the integrator output
can be accessed at the GLED output.
The Gamp output voltage, which represents the smoke
detection level, can be accessed at the RLED output.
The SmkComp output voltage is the result of the
comparison of Gamp with the integrator output and can
be accessed at HB. The FEED input can be clocked to
step up the smoke detection level at RLED. Once the
desired smoke threshold is reached, the TEST input is
pulsed low-to-high to store the result.
The procedure is described in the following steps:
1.
Power up with the bias conditions shown in
Figure 4-1.
2.
Drive TEST2 input from VSS to VDD to enter
Programming mode. TEST2 remains at VDD
through Step 8 described below.
3.
Apply three clock pulses to the TEST input to
enter T3 mode. This initiates the Calibration
mode for normal limits setting. The integrator
output appears at GLED and the smoke detec-
tion level at RLED.
4.
At this point, clock FEED to increase the smoke
detection level as needed. Pulling IO high with
FEED at a high logic level initiates an
integration. The integrator output signal appears
at GLED. The sequence of incrementing the
limit, performing an integration and monitoring
the HB output for the resulting comparison, can
be repeated until the desired threshold is
reached. Once the desired smoke threshold is
reached, with FEED held low, the IO input must
be pulsed low-to-high to latch the smoke
detection level.
5.
Apply a fourth clock pulse to the TEST input to
enter T4 mode. This initiates the Calibration
mode for hysteresis limits. The sequence in
Step 4 must be repeated to set the hysteresis
limit.
6.
Apply a clock pulse to the TEST input again to
enter T5 mode and initiate calibration for hush
limits. Repeat Step 4 to set the hush limit.
7.
Apply clock pulse to the TEST input a sixth time
to enter T6 mode and initiate calibration for
chamber test limits. Repeat Step 4 to set the
chamber test limit.
8.
After pulsing the IO input to latch the chamber
test limit, the IO must be pulsed low-to-high a
second time to store the limits in memory.
FIGURE 4-4:
Timing Diagram for Modes T3 to T6 Limits Setting.
GLED
IRED
RLED
HB
IO
TEST
FEED
TEST2
Mode T3
– T6 – Limits Setting
VSS
VSS
VBST
VSS
VBST
VSS
VSS
VSS
VBST
VDD
VSS
VBST
VSS
VDD
Min Tsetup2 = 2 µs
Min PW3 = 100 µs
Min Td2 = 10 µs
Min PW1 = 10 µs
Min T1 = 20 µs
Min PW4 = 2 ms
Min PW2 = 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com