Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C191 Datasheet(PDF) 22 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 22 Page - Microchip Technology

Back Button RE46C191 Datasheet HTML 18Page - Microchip Technology RE46C191 Datasheet HTML 19Page - Microchip Technology RE46C191 Datasheet HTML 20Page - Microchip Technology RE46C191 Datasheet HTML 21Page - Microchip Technology RE46C191 Datasheet HTML 22Page - Microchip Technology RE46C191 Datasheet HTML 23Page - Microchip Technology RE46C191 Datasheet HTML 24Page - Microchip Technology RE46C191 Datasheet HTML 25Page - Microchip Technology RE46C191 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
RE46C191
DS20005225H-page 22
 2013-2023 Microchip Technology Inc. and its subsidiaries
4.4
Serial Read/Write
As an alternative to the steps in Section 4.3 “Smoke
Calibration”,
if
the
system
has
been
well
characterized, the limits and baseline can be entered
directly from a Serial Read/Write Calibration mode.
To enter this mode, follow these steps:
1.
Set up the application as shown in Figure 4-1.
2.
Drive TEST2 input from VSS to VDD to enter the
Programming mode. TEST2 remains at VDD
until all data have been entered.
3.
Clock the TEST input to mode T7 (High = VBST,
Low = VSS, seven clocks). This enables the
Serial Read/Write mode.
4.
TEST now acts as a data input (High = VDD,
Low = VSS). FEED acts as the clock input
(High = VBST, Low = VSS). Clock in the limits,
LTD baseline, functional and parametric options.
The data sequence follows the pattern
described in Register 4-1. A serial data output is
available at HB.
5.
Pulse IO to store all 44 bits into the EEPROM
memory.
FIGURE 4-5:
Timing Diagram for Mode T7.
VSS
VDD
VSS
TEST2
Mode T7
– Serial Read Write
VBST
TEST
VSS
FEED
VBST
IO
VSS
VBST
HB
VSS
VDD
VDD
bit0
bit1
bit2
bit4
bit5
bit6
bit3
bit9
bit8
bit7
bit39
bit40 bit41
bit42
bit43
bit0
bit1
bit2
bit4
bit5
bit6
bit3
bit9
bit8
bit7
bit39
bit40
bit41
bit42
bit43
bit0
Min Tsetup2 = 2 µs
Min PW3 = 100 µs
Min T2 = 120 µs
Min PW2 = 10 ms
Min Td1 = 2 µs
Min T1 = 20 µs
Min PW1 = 10 µs
Min Thold1 = 1 µs
Min Tsetup1 = 1 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com