Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C191 Datasheet(PDF) 13 Page - Microchip Technology

Part # RE46C191
Description  CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C191 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RE46C191 Datasheet HTML 9Page - Microchip Technology RE46C191 Datasheet HTML 10Page - Microchip Technology RE46C191 Datasheet HTML 11Page - Microchip Technology RE46C191 Datasheet HTML 12Page - Microchip Technology RE46C191 Datasheet HTML 13Page - Microchip Technology RE46C191 Datasheet HTML 14Page - Microchip Technology RE46C191 Datasheet HTML 15Page - Microchip Technology RE46C191 Datasheet HTML 16Page - Microchip Technology RE46C191 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
 2013-2023 Microchip Technology Inc. and its subsidiaries
DS20005225H-page 13
RE46C191
4.0
USER PROGRAMMING MODES
User Programming modes provide the means to
configure the RE46C191 for a particular application.
Parametric programming allows the photo amp gain
and integration time to be adjusted for the particular
application, along with the IRED current. Table 4-1 lists
the parametric characteristics that can be selected for
the application.
TABLE 4-1:
PARAMETRIC PROGRAMMING(1,2,3)
Parametric Programming
Range
Resolution
IRED Period
100-400 µs
100 µs
IRED Current Sink
50-200 mA
50 mA
Low Battery Detection Voltage
2.1-2.8V
100 mV
Photo Detection Limits
Typical Maximum Input Current (nA)
100 µs
200 µs
300 µs
400 µs
Normal/Hysteresis
GF = 1
58
29
19.4
14.5
GF = 2
29
14.5
9.6
7.2
GF = 3
14.5
7.2
4.8
3.6
GF = 4
7.2
3.6
2.4
1.8
Hush
GF = 1
116
58
38.8
29
GF = 2
58
29
19.4
14.5
GF = 3
29
14.5
9.6
7.2
GF = 4
14.5
7.2
4.8
3.6
Chamber Test
GF = 1
29
14.5
9.6
7.2
GF = 2
14.5
7.2
4.8
3.6
GF = 3
7.2
3.6
2.4
1.8
GF = 4
3.6
1.8
1.2
0.9
Note 1: GF is the user-selectable photo integration Gain Factor. Once selected, it applies to all modes of
operation. For example, if GF = 1 and integration time is selected to be 100 µs, the ranges are as follows:
Normal/Hysteresis = 58 nA, Hush = 116 nA and Chamber Test = 29 nA.
2: Nominal measurement resolution in each case is 1/63 of the maximum input range.
3: The same current resolution and ranges apply to the limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com