Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711V Datasheet(PDF) 2 Page - NVE Corporation

Part # IL711V
Description  High Isolation Voltage Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711V Datasheet(HTML) 2 Page - NVE Corporation

  IL711V Datasheet HTML 1Page - NVE Corporation IL711V Datasheet HTML 2Page - NVE Corporation IL711V Datasheet HTML 3Page - NVE Corporation IL711V Datasheet HTML 4Page - NVE Corporation IL711V Datasheet HTML 5Page - NVE Corporation IL711V Datasheet HTML 6Page - NVE Corporation IL711V Datasheet HTML 7Page - NVE Corporation IL711V Datasheet HTML 8Page - NVE Corporation IL711V Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
V-Series Isolators
2
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
Absolute Maximum Ratings
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
T
S
−55
150
°C
Junction Temperature
TJ
−55
150
°C
Ambient Operating Temperature(1)
T
A
−40
125
°C
Supply Voltage
V
DD
1, VDD2
−0.5
7
V
Input Voltage
V
I
−0.5
V
DD + 0.5
V
Output Voltage
V
O
−0.5
V
DD + 0.5
V
Output Current Drive
I
O
10
mA
Lead Solder Temperature
260
°C
10 sec.
ESD
2
kV
HBM
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Ambient Operating Temperature
T
A
−40
125
°C
Junction Temperature
TJ
−40
125
°C
Supply Voltage
V
DD
1, VDD2
3.0
5.5
V
Logic High Input Voltage
V
IH
2.4
V
DD
V
Logic Low Input Voltage
V
IL
0
0.8
V
Input Signal Rise and Fall Times
t
IR, tIF
1
μs
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance (external)
8.03
8.3
mm
Per IEC 60601
Total Barrier Thickness (internal)
0.013
0.014
mm
Leakage Current(5)
0.2
μA
240 V
RMS, 60 Hz
Barrier Resistance(5)
R
IO
>1014
Ω
500 V
Barrier Capacitance(5)
C
IO
2
pF
f = 1 MHz
Comparative Tracking Index
CTI
≥175
V
Per IEC 60112
High Voltage Endurance
(Maximum Barrier Voltage
for Indefinite Life)
AC
DC
V
IO
1000
1500
V
RMS
V
DC
At maximum
operating temperature
Barrier Life
44000
Years
100°C, 1000 V
RMS, 60%
CL activation energy
Thermal Characteristics (0.3" True 8 SOIC)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Junction–Ambient Thermal Resistance
θJA
60
°C/W
Soldered to double-
sided board; free air
Junction–Case (Top) Thermal Resistance
ΨJT
20
°C/W
Power Dissipation
P
D
800
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com